Electronic Components Datasheet Search
  English  ▼

X  

UC2 Datasheet(PDF) 4 Page - NEC

Part # UC2
Description  SUPER-COMPACT SIZE, FLAT-PACKAGE
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UC2 Datasheet(HTML) 4 Page - NEC

  UC2 Datasheet HTML 1Page - NEC UC2 Datasheet HTML 2Page - NEC UC2 Datasheet HTML 3Page - NEC UC2 Datasheet HTML 4Page - NEC UC2 Datasheet HTML 5Page - NEC UC2 Datasheet HTML 6Page - NEC UC2 Datasheet HTML 7Page - NEC UC2 Datasheet HTML 8Page - NEC UC2 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
●All specifications in this catalog and production status of products are subject to change without notice. Prior to the purchase, please contact NEC TOKIN for updated product data.
●Please request for a specification sheet for detailed product data prior to the purchase.
●Before using the product in this catalog, please read "Precautions" and other safety precautions listed in the printed version catalog.
2007.08.03 P0894EMDD03VOL03E
UC2/UD2 SERIES
4
GENERAL SPECIFICATIONS
Contact Form
2 Form C
Contact Material
Silver alloy with gold alloy overlay
Maximum Switching Power
30 W, 37.5 VA
Maximum Switching Voltage
220 VDC, 250 VAC
Maximum Switching Current
1 A
Contact Ratings
Maximum Carrying Current
1 A
Minimum Contact Ratings
10 m VDC, 10µA *1
Initial Contact Resistance
100 m Ω max. (initial)
Operate Time (Excluding bounce)
Approx. 2 ms
Release Time (Excluding bounce)
Approx. 1 ms
Insulation Resistance
1000 MΩ at 500 VDC
Between open
contacts
1000 VAC (for one minute) 1500 V surge (10x160 µs *2)
Between adjacent
contacts
1000 VAC (for one minute) 1500 V surge (10x160 µs *2)
Withstanding Voltage
Between coil and
contacts
1500 VAC (for one minute) , 2500 V surge (2x10 µs *3)
Shock Resistance
735 m/s
2 (75G) (misoperation)
980 m/s
2 (100G) (destructive failure)
Vibration Resistance
10 to 55 Hz, double amplitude 3 mm(20G) (misoperation)
10 to 55 Hz, double amplitude 5 mm(30G) (destructive failure)
-40 to +85 °C
Ambient Temperature
-40 to +70 °C (Low power consumption type)
Coil Temperature Rise
18 °C at nominal coil voltage (140mW)
Non-load
5x10
7 operations (Non-latch type) *4
1x10
7 operations (Latch type)
30 VDC 1A (resistive), 1x10
5 operations at 20°C,1Hz
Running Specifications
Load
125 VAC 0.3A (resistive), 1x10
5 operations at 20°C,1Hz
Weight
Approx. 0.8 g
* 1 This value is a reference value in the resistance load.
Minimum capacity changes depending on switching frequency and environment temperature and the load.
* 2 rise time: 10 µs, decay time to half crest: 160 µs
* 3 rise time: 2 µs, decay time to half crest: 10 µs
* 4 This shows the number of operations with fatal defects. Stable characteristics are maintained for 1×10
7 operations.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com