Electronic Components Datasheet Search
  English  ▼

X  

UC2 Datasheet(PDF) 9 Page - NEC

Part # UC2
Description  SUPER-COMPACT SIZE, FLAT-PACKAGE
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UC2 Datasheet(HTML) 9 Page - NEC

Back Button UC2 Datasheet HTML 5Page - NEC UC2 Datasheet HTML 6Page - NEC UC2 Datasheet HTML 7Page - NEC UC2 Datasheet HTML 8Page - NEC UC2 Datasheet HTML 9Page - NEC UC2 Datasheet HTML 10Page - NEC UC2 Datasheet HTML 11Page - NEC UC2 Datasheet HTML 12Page - NEC UC2 Datasheet HTML 13Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
●All specifications in this catalog and production status of products are subject to change without notice. Prior to the purchase, please contact NEC TOKIN for updated product data.
●Please request for a specification sheet for detailed product data prior to the purchase.
●Before using the product in this catalog, please read "Precautions" and other safety precautions listed in the printed version catalog.
2007.08.03 P0894EMDD03VOL03E
UC2/UD2 SERIES
9
10000
1000
100
10
-40
-20
0
20
40
60
80
100
100
80
60
40
20
0
Ambient temperature (°C)
OPERATE AND RELEASE VOLTAGE VS.AMBIENT TEMPERATURE
This shows a typical change of operate (release) voltage. The value of must operate is estimated, so coil voltage must be applied
more than this value for safety operation. For hot start operation, please inquire with NEC TOKIN.
Must operate voltage
Operate voltage (typical)
Release voltage (typical)
Ratio of nominal
coil voltage (%)
Operations (×10
4)
RUNNING TEST (Non-load)
(Load: none, Drive:5VDC,50Hz,50%duty, Ambient temperature :room temperature, Sample:UC2-5NU ,20pieces)
0
20
50
100
500
1000
10000
1000
100
10
Contact
resistance
(mΩ)
5
4
3
2
1
0
Operations (×10
4)
0
20
50
100
500
1000
Operate voltage
Release voltage
Operate
voltage
(V)
Release
voltage
(V)
RUNNING TEST(Load)
(Load: 50VDC 0.1A resistive,Drive:5VDC,5Hz,50%duty,Ambient temperature:85 °C, Sample:UC2-5NU ,10pieces)
Contact
resistance
(mΩ)
0
2
5
10
50
100
Operations (×10
4)
5
4
3
2
1
0
0
2
5
10
50
100
Operate
voltage
(V)
Release
Operations (×10
4)
Operate voltage
Release voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com