Electronic Components Datasheet Search
  English  ▼

X  

UC2 Datasheet(PDF) 1 Page - NEC

Part # UC2
Description  SUPER-COMPACT SIZE, FLAT-PACKAGE
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UC2 Datasheet(HTML) 1 Page - NEC

  UC2 Datasheet HTML 1Page - NEC UC2 Datasheet HTML 2Page - NEC UC2 Datasheet HTML 3Page - NEC UC2 Datasheet HTML 4Page - NEC UC2 Datasheet HTML 5Page - NEC UC2 Datasheet HTML 6Page - NEC UC2 Datasheet HTML 7Page - NEC UC2 Datasheet HTML 8Page - NEC UC2 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
●All specifications in this catalog and production status of products are subject to change without notice. Prior to the purchase, please contact NEC TOKIN for updated product data.
●Please request for a specification sheet for detailed product data prior to the purchase.
●Before using the product in this catalog, please read "Precautions" and other safety precautions listed in the printed version catalog.
2007.08.03 P0894EMDD03VOL03E
For Right Use of Miniature Relays
DO NOT EXCEED MAXIMUM RATINGS.
Do not use relays under exceeding conditions such as over ambient temperature, over voltage and over
current. Incorrect use could result in abnormal heating, damage to related parts or cause burning.
READ CAUTIONS IN THE SELECTION GUIDE.
Read the cautions described in NEC TOKIN's "Miniature Relays" when you choose relays for your
application.
The information in this document is subject to change without notice.
© NEC TOKIN Corporation 2007
DATA SHEET
MINIATURE SIGNAL RELAY
UC2/UD2 SERIES
SUPER-COMPACT SIZE, FLAT-PACKAGE
DESCRIPTION
NEC TOKIN UC2/UD2 relay is a new generation miniature signal relay, super-compact and slim.
FEATURES
Small mounting size of flat package for dense mounting
Telcordia (2500 V) and FCC (1500 V) surge capacity
IEC60950/UL1950/EN60950 spacing and high breakdown voltage
(Basic insulation class on 200 V working voltage)
Low power consumption (100-140 mW)
APPLICATIONS
Electronic switching systems, PBX, Terminal equipment, Telephone system
R
RooH
HS
S C
Coom
mpplliiaanntt


Similar Part No. - UC2

ManufacturerPart #DatasheetDescription
logo
NEC
UC2 NEC-UC2 Datasheet
926Kb / 7P
Miniature Relays
logo
Kemet Corporation
UC2 KEMET-UC2 Datasheet
1Mb / 16P
Miniature Signal Relays
2/2/2023
logo
IMO Precision Controls ...
UC2 IMO-UC2 Datasheet
139Kb / 2P
New Generation DPDT Subminiature Signal Relay UC2/UD2
logo
Texas Instruments
UC2-1 TI-UC2-1 Datasheet
184Kb / 6P
Fast LDO Linear Regulator
logo
IMO Precision Controls ...
UC2-1.5NU IMO-UC2-1.5NU Datasheet
139Kb / 2P
New Generation DPDT Subminiature Signal Relay UC2/UD2
More results

Similar Description - UC2

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
DL-3150-101 SANYO-DL-3150-101 Datasheet
81Kb / 3P
Compact Flat Package Type Laser Diode
logo
List of Unclassifed Man...
CLE310F ETC1-CLE310F Datasheet
102Kb / 1P
Super-efficient AlGaAs IRED Flat Lead PLCC Package
logo
Clairex Technologies, I...
CLE310F CLAIREX-CLE310F Datasheet
106Kb / 1P
Super-efficient AlGaAs IRED Flat Lead PLCC Package
logo
HuaXinAn Electronics CO...
NG8ND HUAXINAN-NG8ND Datasheet
316Kb / 1P
Compact size
logo
C&K Components
KMS221GLFS CK-COMPONENTS-KMS221GLFS Datasheet
515Kb / 2P
Compact size
logo
XP Power Limited
ECM XPPOWER-ECM Datasheet
367Kb / 6P
Compact Size
logo
Surge Components
C45 SURGE-C45 Datasheet
3Mb / 9P
Compact size
C46 SURGE-C46 Datasheet
2Mb / 9P
Compact size
logo
NEC
UB23SNUL NEC-UB23SNUL Datasheet
129Kb / 12P
Super-compact size, Slim-package, Surface mounting type
logo
GeneSiC Semiconductor, ...
GBJ25J GENESIC-GBJ25J Datasheet
736Kb / 3P
Single in-line DIP package, compact size
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com