Electronic Components Datasheet Search
  English  ▼

X  

UC2 Datasheet(PDF) 12 Page - NEC

Part # UC2
Description  SUPER-COMPACT SIZE, FLAT-PACKAGE
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UC2 Datasheet(HTML) 12 Page - NEC

Back Button UC2 Datasheet HTML 7Page - NEC UC2 Datasheet HTML 8Page - NEC UC2 Datasheet HTML 9Page - NEC UC2 Datasheet HTML 10Page - NEC UC2 Datasheet HTML 11Page - NEC UC2 Datasheet HTML 12Page - NEC UC2 Datasheet HTML 13Page - NEC UC2 Datasheet HTML 14Page - NEC UC2 Datasheet HTML 15Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
●All specifications in this catalog and production status of products are subject to change without notice. Prior to the purchase, please contact NEC TOKIN for updated product data.
●Please request for a specification sheet for detailed product data prior to the purchase.
●Before using the product in this catalog, please read "Precautions" and other safety precautions listed in the printed version catalog.
2007.08.03 P0894EMDD03VOL03E
UC2/UD2 SERIES
12
SOLDERING TEMPERATURE CONDITION
THROUGH-HOLE MOUNTING (UC2/UD2)
1. Automatic soldering
Preheating: 110~ 120°C /110 sec. (max.)
Solder temperature: 260°C max.
Solder time: 5 seconds max.
Note: NEC TOKIN recommends cooling down a printed circuit board less than
110°C within 40 seconds after soldering.
2. Manual soldering
Solder temperature: 350°C max.
Solder time: 3 seconds max.
SURFACE-MOUNTING TYPE (UD2)
IRS Method
Note:
1. Temperature profile shows printed circuit board surface temperature on the relay
terminal portion.
2. Check the actual soldering condition to use other method except above mentioned
temperature profiles.
200
180
190 (max.300)
45 (max.70)
70 (max.120)
Temperature
(℃)
220
max. 240 ℃
Time (sec.)
200
180
190 (max.300)
45 (max.70)
70 (max.120)
Temperature
(℃)
220
max. 240 ℃
Time (sec.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com