Electronic Components Datasheet Search
  English  ▼

X  

PIC16F767 Datasheet(PDF) 41 Page - Microchip Technology

Part # PIC16F767
Description  28/40/44-Pin, 8-Bit CMOS Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F767 Datasheet(HTML) 41 Page - Microchip Technology

Back Button PIC16F767 Datasheet HTML 37Page - Microchip Technology PIC16F767 Datasheet HTML 38Page - Microchip Technology PIC16F767 Datasheet HTML 39Page - Microchip Technology PIC16F767 Datasheet HTML 40Page - Microchip Technology PIC16F767 Datasheet HTML 41Page - Microchip Technology PIC16F767 Datasheet HTML 42Page - Microchip Technology PIC16F767 Datasheet HTML 43Page - Microchip Technology PIC16F767 Datasheet HTML 44Page - Microchip Technology PIC16F767 Datasheet HTML 45Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 280 page
background image
 2003-2013 Microchip Technology Inc.
DS30498D-page 41
PIC16F7X7
4.7
Power-Managed Modes
4.7.1
RC_RUN MODE
When SCS bits are configured to run from the INTRC,
a clock transition is generated if the system clock is not
already using the INTRC. The event will clear the
OSTS bit and switch the system clock from the primary
system clock (if SCS<1:0> = 00) determined by the
value contained in the configuration bits, or from the
T1OSC (if SCS<1:0> = 01) to the INTRC clock option
and shut-down the primary system clock to conserve
power. Clock switching will not occur if the primary
system clock is already configured as INTRC.
If the system clock does not come from the INTRC
(31.25 kHz) when the SCS bits are changed and the
IRCF bits in the OSCCON register are configured for a
frequency other than INTRC, the frequency may not be
stable immediately. The IOFS bit (OSCCON<2>) will
be set when the INTOSC or postscaler frequency is
stable, after 4 ms (approx.).
After a clock switch has been executed, the OSTS bit
is cleared, indicating a low-power mode and the device
does not run from the primary system clock. The inter-
nal Q clocks are held in the Q1 state until eight falling
edge clocks are counted on the INTRC oscillator. After
the eight clock periods have transpired, the clock input
to the Q clocks is released and operation resumes (see
Figure 4-7).
FIGURE 4-7:
TIMING DIAGRAM FOR XT, HS, LP, EC, EXTRC TO RC_RUN MODE
Q4
Q3
Q2
OSC1
SCS<1:0>
Program
PC + 1
PC
Note 1:
TINP = 32
s typical.
2:
TOSC = 50 ns minimum.
3:
TSCS = 8 TINP.
4:
TDLY = 1 TINP.
Q1
INTOSC
Q1
TSCS(3)
Counter
Q1
TINP(1)
System
Clock
TOSC(2)
Q3
Q2
Q4
Q1
Q2
PC + 2
PC + 3
Q3
Q4
Q1
TDLY(4)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com