Electronic Components Datasheet Search
  English  ▼

X  

PIC16F767 Datasheet(PDF) 68 Page - Microchip Technology

Part # PIC16F767
Description  28/40/44-Pin, 8-Bit CMOS Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F767 Datasheet(HTML) 68 Page - Microchip Technology

Back Button PIC16F767 Datasheet HTML 64Page - Microchip Technology PIC16F767 Datasheet HTML 65Page - Microchip Technology PIC16F767 Datasheet HTML 66Page - Microchip Technology PIC16F767 Datasheet HTML 67Page - Microchip Technology PIC16F767 Datasheet HTML 68Page - Microchip Technology PIC16F767 Datasheet HTML 69Page - Microchip Technology PIC16F767 Datasheet HTML 70Page - Microchip Technology PIC16F767 Datasheet HTML 71Page - Microchip Technology PIC16F767 Datasheet HTML 72Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 280 page
background image
PIC16F7X7
DS30498D-page 68
 2003-2013 Microchip Technology Inc.
5.5
PORTE and TRISE Register
This section is not applicable to the PIC16F737 or
PIC16F767.
PORTE has four pins, RE0/RD/AN5, RE1/WR/AN6,
RE2/CS/AN7 and MCLR/VPP/RE3, which are individu-
ally configureable as inputs or outputs. These pins have
Schmitt Trigger input buffers. RE3 is only available as an
input if MCLRE is ‘0’ in Configuration Word 1.
I/O PORTE becomes control inputs for the micro-
processor port when bit, PSPMODE (TRISE<4>), is
set. In this mode, the user must make sure that the
TRISE<2:0> bits are set (pins are configured as digital
inputs). Ensure ADCON1 is configured for digital I/O. In
this mode, the input buffers are TTL.
Register 5-1 shows the TRISE register which also
controls the Parallel Slave Port operation.
PORTE pins are multiplexed with analog inputs. When
selected as an analog input, these pins will read as ‘0’s.
TRISE controls the direction of the RE pins, even when
they are being used as analog inputs. The user must
make sure to keep the pins configured as inputs when
using them as analog inputs.
FIGURE 5-19:
PORTE BLOCK DIAGRAM
(IN I/O PORT MODE)
TABLE 5-9:
PORTE FUNCTIONS
TABLE 5-10:
SUMMARY OF REGISTERS ASSOCIATED WITH PORTE
Note:
On a Power-on Reset, these pins are
configured as analog inputs and read as ‘0’.
Data Bus
WR Port
WR TRIS
RD Port
Data Latch
TRIS Latch
RD TRIS
Schmitt
Trigger
Input
Buffer
I/O pin(1)
Note 1: I/O pins have protection diodes to VDD and VSS.
Q
D
CK
Q
D
CK
EN
QD
EN
Name
Bit#
Buffer Type
Function
RE0/RD/AN5
bit 0
ST/TTL(1)
Input/output port pin or read control input in Parallel Slave Port mode or analog input.
For RD (PSP mode):
1
= Idle
0
= Read operation. Contents of PORTD register output to PORTD I/O pins (if chip selected).
RE1/WR/AN6
bit 1
ST/TTL(1)
Input/output port pin or write control input in Parallel Slave Port mode or analog input.
For WR (PSP mode):
1
=Idle
0
= Write operation. Value of PORTD I/O pins latched into PORTD register (if chip selected).
RE2/CS/AN7
bit 2
ST/TTL(1)
Input/output port pin or chip select control input in Parallel Slave Port mode or analog input.
For CS (PSP mode):
1
= Device is not selected
0
= Device is selected
MCLR/VPP/RE3
bit 3
ST
Input, Master Clear (Reset) or programming input voltage.
Legend:
ST = Schmitt Trigger input, TTL = TTL input
Note
1:
Input buffers are Schmitt Triggers when in I/O mode and TTL buffers when in Parallel Slave Port mode.
Addr
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on:
POR, BOR
Value on
all other
Resets
09h
PORTE
—
—
—
—
RE3
RE2
RE1
RE0
---- x000
---- x000
89h
TRISE
IBF
OBF
IBOV
PSPMODE
—(1)
PORTE Data Direction bits
0000 1111
0000 1111
9Fh
ADCON1
ADFM
ADCS2 VCFG1
VCFG0
PCFG3
PCFG2
PCFG1
PCFG0
0000 0000
0000 0000
Legend:
x
= unknown, u = unchanged, — = unimplemented, read as ‘0’. Shaded cells are not used by PORTE.
Note
1:
RE3 is an input only. The state of the TRISE3 bit has no effect and will always read ‘1’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com