Electronic Components Datasheet Search
  English  ▼

X  

PIC16F767 Datasheet(PDF) 70 Page - Microchip Technology

Part # PIC16F767
Description  28/40/44-Pin, 8-Bit CMOS Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F767 Datasheet(HTML) 70 Page - Microchip Technology

Back Button PIC16F767 Datasheet HTML 66Page - Microchip Technology PIC16F767 Datasheet HTML 67Page - Microchip Technology PIC16F767 Datasheet HTML 68Page - Microchip Technology PIC16F767 Datasheet HTML 69Page - Microchip Technology PIC16F767 Datasheet HTML 70Page - Microchip Technology PIC16F767 Datasheet HTML 71Page - Microchip Technology PIC16F767 Datasheet HTML 72Page - Microchip Technology PIC16F767 Datasheet HTML 73Page - Microchip Technology PIC16F767 Datasheet HTML 74Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 280 page
background image
PIC16F7X7
DS30498D-page 70
 2003-2013 Microchip Technology Inc.
5.6
Parallel Slave Port
The Parallel Slave Port (PSP) is not implemented on
the PIC16F737 or PIC16F767.
PORTD operates as an 8-bit wide Parallel Slave Port or
microprocessor port when control bit, PSPMODE
(TRISE<4>), is set. In Slave mode, it is asynchronously
readable and writable by an external system using the
read control input pin RE0/RD/AN5, the write control
input pin RE1/WR/AN6 and the chip select control input
pin RE2/CS/AN7.
The PSP can directly interface to an 8-bit micro-
processor data bus. The external microprocessor can
read or write the PORTD latch as an 8-bit latch. Setting
bit PSPMODE enables port pin RE0/RD/AN5 to be the
RD input, RE1/WR/AN6 to be the WR input and
RE2/CS/AN7 to be the CS (Chip Select) input. For this
functionality, the corresponding data direction bits of
the TRISE register (TRISE<2:0>) must be configured
as inputs (i.e., set). The A/D port configuration bits,
PCFG3:PCFG0 (ADCON1<3:0>), must be set to
configure pins RE2:RE0 as digital I/O.
There are actually two 8-bit latches, one for data output
(external reads) and one for data input (external
writes). The firmware writes 8-bit data to the PORTD
output data latch and reads data from the PORTD input
data latch (note that they have the same address). In
this mode, the TRISD register is ignored since the
external device is controlling the direction of data flow.
An external write to the PSP occurs when the CS and
WR lines are both detected low. Firmware can read the
actual data on the PORTD pins during this time. When
either the CS or WR lines become high (level trig-
gered), the data on the PORTD pins is latched and the
Input Buffer Full (IBF) status flag bit (TRISE<7>) and
interrupt flag bit, PSPIF (PIR1<7>), are set on the Q4
clock cycle following the next Q2 cycle to signal the
write is complete (Figure 5-21). Firmware clears the
IBF flag by reading the latched PORTD data and clears
the PSPIF bit.
The Input Buffer Overflow (IBOV) status flag bit
(TRISE<5>) is set if an external write to the PSP occurs
while the IBF flag is set from a previous external write.
The previous PORTD data is overwritten with the new
data. IBOV is cleared by reading PORTD and clearing
IBOV.
A read from the PSP occurs when both the CS and RD
lines are detected low. The data in the PORTD output
latch is output to the PORTD pins. The Output Buffer
Full (OBF) status flag bit (TRISE<6>) is cleared imme-
diately (Figure 5-22), indicating that the PORTD latch is
being read or has been read by the external bus. If
firmware writes new data to the output latch during this
time, it is immediately output to the PORTD pins but
OBF will remain cleared.
When either the CS or RD pins are detected high, the
PORTD outputs are disabled and the interrupt flag bit
PSPIF is set on the Q4 clock cycle following the next
Q2 cycle, indicating that the read is complete. OBF
remains low until firmware writes new data to PORTD.
When not in PSP mode, the IBF and OBF bits are held
clear. Flag bit IBOV remains unchanged. The PSPIF bit
must be cleared by the user in firmware; the interrupt
can be disabled by clearing the interrupt enable bit,
PSPIE (PIE1<7>).
FIGURE 5-20:
PORTD AND PORTE
BLOCK DIAGRAM
(PARALLEL SLAVE PORT)
Data Bus
WR
Port
RD
RDx pin
Q
D
CK
EN
QD
EN
Port
One bit of PORTD
Set Interrupt Flag
PSPIF (PIR1<7>)
Read
Chip Select
Write
RD
CS
WR
Note: I/O pin has protection diodes to VDD and VSS.
TTL
TTL
TTL
TTL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com