Electronic Components Datasheet Search
  English  ▼

X  

PIC16F767 Datasheet(PDF) 20 Page - Microchip Technology

Part # PIC16F767
Description  28/40/44-Pin, 8-Bit CMOS Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F767 Datasheet(HTML) 20 Page - Microchip Technology

Back Button PIC16F767 Datasheet HTML 16Page - Microchip Technology PIC16F767 Datasheet HTML 17Page - Microchip Technology PIC16F767 Datasheet HTML 18Page - Microchip Technology PIC16F767 Datasheet HTML 19Page - Microchip Technology PIC16F767 Datasheet HTML 20Page - Microchip Technology PIC16F767 Datasheet HTML 21Page - Microchip Technology PIC16F767 Datasheet HTML 22Page - Microchip Technology PIC16F767 Datasheet HTML 23Page - Microchip Technology PIC16F767 Datasheet HTML 24Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 280 page
background image
PIC16F7X7
DS30498D-page 20
 2003-2013 Microchip Technology Inc.
Bank 2
100h(4)
INDF
Addressing this location uses contents of FSR to address data memory (not a physical register) 0000 0000
30, 180
101h
TMR0
Timer0 Module Register
xxxx xxxx
76, 180
102h(4)
PCL
Program Counter (PC) Least Significant Byte
0000 0000
29, 180
103h(4)
STATUS
IRP
RP1
RP0
TO
PD
ZDC
C
0001 1xxx
21, 180
104h(4)
FSR
Indirect Data Memory Address Pointer
xxxx xxxx
30, 180
105h
WDTCON
—
—
—
WDTPS3
WDTPS2
WDTPS1 WDTPS0 SWDTEN ---0 1000
187
106h
PORTB
PORTB Data Latch when written: PORTB pins when read
xxxx xxxx
64, 180
107h
—
Unimplemented
—
—
108h
—
Unimplemented
—
—
109h
LVDCON
—
—
IRVST
LVDEN
LVDL3
LVDL2
LVDL1
LVDL0
--00 0101
176
10Ah(1,4) PCLATH
—
—
—
Write Buffer for the upper 5 bits of the Program Counter
---0 0000
23, 180
10Bh(4)
INTCON
GIE
PEIE
TMR0IE
INT0IE
RBIE
TMR0IF
INT0IF
RBIF
0000 000x
25, 180
10Ch
PMDATA
EEPROM Data Register Low Byte
xxxx xxxx
32, 181
10Dh
PMADR
EEPROM Address Register Low Byte
xxxx xxxx
32, 181
10Eh
PMDATH
—
—
EEPROM Data Register High Byte
--xx xxxx
32, 181
10Fh
PMADRH
—
—
—
—
EEPROM Address Register High Byte
---- xxxx
32, 181
Bank 3
180h(4)
INDF
Addressing this location uses contents of FSR to address data memory (not a physical register) 0000 0000
30, 180
181h
OPTION_REG
RBPU
INTEDG
T0CS
T0SE
PSA
PS2
PS1
PS0
1111 1111
22, 180
182h(4)
PCL
Program Counter (PC) Least Significant Byte
0000 0000
29, 180
183h(4)
STATUS
IRP
RP1
RP0
TO
PD
ZDC
C
0001 1xxx
21, 180
184h(4)
FSR
Indirect Data Memory Address Pointer
xxxx xxxx
30, 180
185h
—
Unimplemented
—
—
186h
TRISB
PORTB Data Direction Register
1111 1111
64, 181
187h
—
Unimplemented
—
—
188h
—
Unimplemented
—
—
189h
—
Unimplemented
—
—
18Ah(1,4) PCLATH
—
—
—
Write Buffer for the upper 5 bits of the Program Counter
---0 0000
23, 180
18Bh(4)
INTCON
GIE
PEIE
TMR0IE
INT0IE
RBIE
TMR0IF
INT0IF
RBIF
0000 000x
25, 180
18Ch
PMCON1
r(6)
—
—
—
—
—
—RD
1--- ---0
32, 181
18Dh
—
Reserved, maintain clear
—
—
18Eh
—
Reserved, maintain clear
—
—
18Fh
—
Reserved, maintain clear
—
—
TABLE 2-1:
SPECIAL FUNCTION REGISTER SUMMARY (CONTINUED)
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on:
POR, BOR
Details
on page
Legend: x = unknown, u = unchanged, q = value depends on condition, — = unimplemented, read as ‘0’, r = reserved.
Shaded locations are unimplemented, read as ‘0’.
Note 1:
The upper byte of the program counter is not directly accessible. PCLATH is a holding register for the PC<12:8> bits, whose contents
are transferred to the upper byte of the program counter during branches (CALL or GOTO).
2:
Other (non Power-up) Resets include external Reset through MCLR and Watchdog Timer Reset.
3:
Bits PSPIE and PSPIF are reserved on the 28-pin devices; always maintain these bits clear.
4:
These registers can be addressed from any bank.
5:
PORTD, PORTE, TRISD and TRISE are not physically implemented on the 28-pin devices (except for RE3), read as ‘0’.
6:
This bit always reads as a ‘1’.
7:
OSCCON<OSTS> bit resets to ‘0’ with dual-speed start-up and LP, HS or HS-PLL selected as the oscillator.
8:
RE3 is an input only. The state of the TRISE3 bit has no effect and will always read ‘1’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com