Electronic Components Datasheet Search
  English  ▼

X  

MCP6S28 Datasheet(PDF) 24 Page - Microchip Technology

Part # MCP6S28
Description  Single-Ended, Rail-to-Rail I/O, Low Gain PGA
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6S28 Datasheet(HTML) 24 Page - Microchip Technology

Back Button MCP6S28 Datasheet HTML 20Page - Microchip Technology MCP6S28 Datasheet HTML 21Page - Microchip Technology MCP6S28 Datasheet HTML 22Page - Microchip Technology MCP6S28 Datasheet HTML 23Page - Microchip Technology MCP6S28 Datasheet HTML 24Page - Microchip Technology MCP6S28 Datasheet HTML 25Page - Microchip Technology MCP6S28 Datasheet HTML 26Page - Microchip Technology MCP6S28 Datasheet HTML 27Page - Microchip Technology MCP6S28 Datasheet HTML 28Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 42 page
background image
MCP6S21/2/6/8
DS21117B-page 24
 2003-2012 Microchip Technology Inc.
5.4
Power-On Reset
If the power supply voltage goes below the POR trip
voltage (VDD < VPOR  1.7V), the internal POR circuit
will reset all of the internal registers to their power-up
defaults (this is a protection against low power supply
voltages). The POR circuit also holds the part in shut-
down mode while it is activated. It temporarily overrides
the software shutdown status. The POR releases the
shutdown circuitry once it is released (VDD > VPOR).
A 0.1 µF bypass capacitor mounted as close as possi-
ble to the VDD pin provides additional transient
immunity.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com