Electronic Components Datasheet Search
  English  ▼

X  

MCP6S28 Datasheet(PDF) 25 Page - Microchip Technology

Part # MCP6S28
Description  Single-Ended, Rail-to-Rail I/O, Low Gain PGA
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6S28 Datasheet(HTML) 25 Page - Microchip Technology

Back Button MCP6S28 Datasheet HTML 21Page - Microchip Technology MCP6S28 Datasheet HTML 22Page - Microchip Technology MCP6S28 Datasheet HTML 23Page - Microchip Technology MCP6S28 Datasheet HTML 24Page - Microchip Technology MCP6S28 Datasheet HTML 25Page - Microchip Technology MCP6S28 Datasheet HTML 26Page - Microchip Technology MCP6S28 Datasheet HTML 27Page - Microchip Technology MCP6S28 Datasheet HTML 28Page - Microchip Technology MCP6S28 Datasheet HTML 29Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 42 page
background image
 2003-2012 Microchip Technology Inc.
DS21117B-page 25
MCP6S21/2/6/8
6.0
APPLICATIONS INFORMATION
6.1
Changing External Reference
Voltage
Figure 6-1 shows a MCP6S21 with the VREF pin at
2.5V and VDD = 5.0V. This allows the PGA to amplify
signals centered on 2.5V, instead of ground-referenced
signals. The voltage reference MCP1525 is buffered by
a MCP6021, which gives a low output impedance ref-
erence voltage from DC to high frequencies. The
source driving the VREF pin should have an output
impedance of
 0.1 to maintain reasonable gain
accuracy.
FIGURE 6-1:
PGA with Different External
Reference Voltage.
6.2
Capacitive Load and Stability
Large capacitive loads can cause both stability prob-
lems and reduced bandwidth for the MCP6S21/2/6/8
family of PGAs (Figure 2-17 and Figure 2-18). This
happens because a large load capacitance decreases
the internal amplifier’s phase margin and bandwidth.
If the PGA drives a large capacitive load, the circuit in
Figure 6-2 can be used. A small series resistor (RISO)
at the VOUT improves the phase margin by making the
load resistive at high frequencies. It will not, however,
improve the bandwidth.
FIGURE 6-2:
PGA Circuit for Large
Capacitive Loads.
For CL  100 pF, a good estimate for RISO is 50. This
value can be fine-tuned on the bench. Adjust RISO so
that the step response overshoot and frequency
response peaking are acceptable at all gains.
6.3
Layout Considerations
Good PC board layout techniques will help achieve the
performance shown in the Electrical Characteristics
and Typical Performance Curves. It will also help
minimize EMC (Electro-Magnetic Compatibility) issues.
6.3.1
COMPONENT PLACEMENT
Separate circuit functions; digital from analog, low
speed from high speed, and low power from high
power, as this will reduce crosstalk.
Keep sensitive traces short and straight, separating
them from interfering components and traces. This is
especially important for high frequency (low rise time)
signals.
Use a 0.1 µF supply bypass capacitor within 0.1 inch
(2.5 mm) of the VDD pin. It must connect directly to the
ground plane. A multi-layer ceramic chip capacitor, or
high-frequency equivalent, works best.
6.3.2
SIGNAL COUPLING
The input pins of the MCP6S21/2/6/8 family of opera-
tional amplifiers (op amps) are high-impedance. This
makes them especially susceptible to capacitively-cou-
pled noise. Using a ground plane helps reduce this
problem.
When noise is capacitively-coupled, the ground plane
provides additional shunt capacitance to ground. When
noise is magnetically coupled, the ground plane
reduces the mutual inductance between traces.
Increasing the separation between traces makes a
significant difference.
Changing the direction of one of the traces can also
reduce magnetic coupling. It may help to locate guard
traces next to the victim trace. They should be on both
sides of the victim trace and be as close as possible.
Connect the guard traces to the ground plane at both
ends, and in the middle, of long traces.
6.3.3
HIGH FREQUENCY ISSUES
Because the MCP6S21/2/6/8 PGAs reach unity gain
near 64 MHz when G = 16 and 32, it is important to use
good PCB layout techniques. Any parasitic coupling at
high frequency might cause undesired peaking. Filter-
ing high frequency signals (i.e., fast edge rates) can
help. To minimize high frequency problems:
• Use complete ground and power planes
• Use HF, surface mount components
• Provide clean supply voltages and bypassing
• Keep traces short and straight
• Try a linear power supply (e.g., an LDO)
VDD
VREF
MCP6S21
MCP1525
MCP6021
2.5V
REF
VDD
VDD
VIN
VOUT
1µF
VIN
MCP6S2X
RISO
VOUT
CL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com