Electronic Components Datasheet Search
  English  ▼

X  

MCP6S28 Datasheet(PDF) 5 Page - Microchip Technology

Part # MCP6S28
Description  Single-Ended, Rail-to-Rail I/O, Low Gain PGA
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6S28 Datasheet(HTML) 5 Page - Microchip Technology

  MCP6S28 Datasheet HTML 1Page - Microchip Technology MCP6S28 Datasheet HTML 2Page - Microchip Technology MCP6S28 Datasheet HTML 3Page - Microchip Technology MCP6S28 Datasheet HTML 4Page - Microchip Technology MCP6S28 Datasheet HTML 5Page - Microchip Technology MCP6S28 Datasheet HTML 6Page - Microchip Technology MCP6S28 Datasheet HTML 7Page - Microchip Technology MCP6S28 Datasheet HTML 8Page - Microchip Technology MCP6S28 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 42 page
background image
 2003-2012 Microchip Technology Inc.
DS21117B-page 5
MCP6S21/2/6/8
TEMPERATURE CHARACTERISTICS
FIGURE 1-1:
Channel Select Timing
Diagram.
FIGURE 1-2:
PGA Shutdown timing
diagram (must enter correct commands before
CS goes high).
FIGURE 1-3:
Gain Select Timing
Diagram.
FIGURE 1-4:
POR power-up and power-
down timing diagram.
Electrical Specifications: Unless otherwise indicated, VDD = +2.5V to +5.5V, VSS = GND.
Parameters
Sym
Min
Typ
Max
Units
Conditions
Temperature Ranges
Specified Temperature Range
TA
-40
—
+85
°C
Operating Temperature Range
TA
-40
—
+125
°C
(Note 1)
Storage Temperature Range
TA
-65
—
+150
°C
Thermal Package Resistances
Thermal Resistance, 8L-PDIP
JA
—85
—
°C/W
Thermal Resistance, 8L-SOIC
JA
—163
—
°C/W
Thermal Resistance, 8L-MSOP
JA
—206
—
°C/W
Thermal Resistance, 14L-PDIP
JA
—70
—
°C/W
Thermal Resistance, 14L-SOIC
JA
—120
—
°C/W
Thermal Resistance, 14L-TSSOP
JA
—100
—
°C/W
Thermal Resistance, 16L-PDIP
JA
—70
—
°C/W
Thermal Resistance, 16L-SOIC
JA
—90
—
°C/W
Note 1: The MCP6S21/2/6/8 family of PGAs operates over this extended temperature range, but with reduced
performance. Operation in this range must not cause T
J to exceed the Maximum Junction Temperature
(150°C).
CS
VOUT
tCH
0.6V
0.3V
CS
tOFF
VOUT
tON
Hi-Z
Hi-Z
ISS
500 nA (typ)
1.0 mA (typ)
0.3V
CS
VOUT
tG
1.5V
0.3V
VDD
tRPD
VOUT
tRPU
Hi-Z
Hi-Z
VPOR - 0.1V
VPOR - 0.1V
VPOR + 0.1V
0.3V
ISS
500 nA (typ)
1.0 mA (typ)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com