Electronic Components Datasheet Search
  English  ▼

X  

MCP6S28 Datasheet(PDF) 29 Page - Microchip Technology

Part # MCP6S28
Description  Single-Ended, Rail-to-Rail I/O, Low Gain PGA
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6S28 Datasheet(HTML) 29 Page - Microchip Technology

Back Button MCP6S28 Datasheet HTML 25Page - Microchip Technology MCP6S28 Datasheet HTML 26Page - Microchip Technology MCP6S28 Datasheet HTML 27Page - Microchip Technology MCP6S28 Datasheet HTML 28Page - Microchip Technology MCP6S28 Datasheet HTML 29Page - Microchip Technology MCP6S28 Datasheet HTML 30Page - Microchip Technology MCP6S28 Datasheet HTML 31Page - Microchip Technology MCP6S28 Datasheet HTML 32Page - Microchip Technology MCP6S28 Datasheet HTML 33Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 42 page
background image
 2003-2012 Microchip Technology Inc.
DS21117B-page 29
MCP6S21/2/6/8
Package Marking Information (Con’t)
14-Lead PDIP (300 mil) (MCP6S26)Example:
14-Lead SOIC (150 mil) (MCP6S26)
Example:
XXXXXXXXXXXXXX
XXXXXXXXXXXXXX
YYWWNNN
XXXXXXXXXXX
YYWWNNN
MCP6S26
-I/P
XXXXXXXXXXXXXX
0345256
XXXXXXXXXXX
MCP6S26
ISL
0345256
XXXXXXXXXXXXXXXXXXXXXXXXX
XXXXXXXX
NNN
YYWW
14-Lead TSSOP (4.4mm) (MCP6S26)
Example:
MCP6S26
IST
256
0345



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com