Electronic Components Datasheet Search
  English  ▼

X  

MCP1252 Datasheet(PDF) 6 Page - Microchip Technology

Part # MCP1252
Description  Low Noise, Positive-Regulated Charge Pump
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1252 Datasheet(HTML) 6 Page - Microchip Technology

Back Button MCP1252_13 Datasheet HTML 2Page - Microchip Technology MCP1252_13 Datasheet HTML 3Page - Microchip Technology MCP1252_13 Datasheet HTML 4Page - Microchip Technology MCP1252_13 Datasheet HTML 5Page - Microchip Technology MCP1252_13 Datasheet HTML 6Page - Microchip Technology MCP1252_13 Datasheet HTML 7Page - Microchip Technology MCP1252_13 Datasheet HTML 8Page - Microchip Technology MCP1252_13 Datasheet HTML 9Page - Microchip Technology MCP1252_13 Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
MCP1252/3
DS21752B-page 6
 2002-2013 Microchip Technology Inc.
Note: Unless otherwise indicated, VIN = 3.6V, TA = 25°C, CIN = COUT = 10 mF, CFLY = 1 mF, all capacitors X7R ceramic.
FIGURE 2-7:
Output Voltage vs.
Temperature (MCP1252-33X50,
MCP1253-33X50).
FIGURE 2-8:
Output Voltage vs.
Temperature (MCP1252-33X50,
MCP1253-33X50).
FIGURE 2-9:
Line Transient Response.
FIGURE 2-10:
Quiescent Current vs.
Temperature (MCP1253-33X50).
FIGURE 2-11:
Quiescent Current vs.
Temperature (MCP1252-33X50).
FIGURE 2-12:
Load Transient Response.
4.98
4.99
5.00
5.01
5.02
5.03
-40 -25 -10
5
20 35 50 65 80 95 110 125
Temperature (°C)
MCP1252-33X50
MCP1253-33X50
SELECT = GND
VOUT = 5.0V
IOUT = 120 mA
3.28
3.29
3.30
3.31
3.32
3.33
-40 -25 -10
5
20 35 50 65 80 95 110 125
Temperature (°C)
MCP1252-33X50
MCP1253-33X50
SELECT = VIN
VOUT = 3.3V
IOUT = 120 mA
40
45
50
55
60
65
70
75
80
-40 -25 -10
5
20
35
50
65
80
95 110 125
Temperature (°C)
MCP1253-33X50
SELECT = GND
VOUT = 5.0V, IOUT = 0 mA
VIN = 5.5V
VIN = 3.6V
VIN = 2.7V
VIN = 2.3V
40
45
50
55
60
65
70
75
80
-40 -25 -10
5
20
35
50
65
80
95 110 125
Temperature (°C)
VIN = 5.5V
VIN = 3.6V
VIN = 2.7V
VIN = 2.3V
MCP1252-33X50
SELECT = GND
VOUT = 5.0V, IOUT = 0 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com