Electronic Components Datasheet Search
  English  ▼

X  

MCP1252 Datasheet(PDF) 7 Page - Microchip Technology

Part # MCP1252
Description  Low Noise, Positive-Regulated Charge Pump
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1252 Datasheet(HTML) 7 Page - Microchip Technology

Back Button MCP1252_13 Datasheet HTML 3Page - Microchip Technology MCP1252_13 Datasheet HTML 4Page - Microchip Technology MCP1252_13 Datasheet HTML 5Page - Microchip Technology MCP1252_13 Datasheet HTML 6Page - Microchip Technology MCP1252_13 Datasheet HTML 7Page - Microchip Technology MCP1252_13 Datasheet HTML 8Page - Microchip Technology MCP1252_13 Datasheet HTML 9Page - Microchip Technology MCP1252_13 Datasheet HTML 10Page - Microchip Technology MCP1252_13 Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
 2002-2013 Microchip Technology Inc.
DS21752B-page 7
MCP1252/3
Note: Unless otherwise indicated, VIN = 3.6V, TA = 25°C, CIN = COUT = 10mF, CFLY = 1mF, all capacitors X7R ceramic.
FIGURE 2-13:
Output Voltage Ripple vs.
Supply Voltage (MCP1252-33X50).
FIGURE 2-14:
Output Voltage Ripple vs.
Supply Voltage (MCP1252-33X50).
FIGURE 2-15:
Start-Up (MCP1252-33X50).
FIGURE 2-16:
Output Voltage Ripple vs.
Time.
FIGURE 2-17:
Output Voltage Ripple vs.
Time.
FIGURE 2-18:
Start-Up (MCP1253-33X50).
0
10
20
30
40
50
60
70
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
Supply Voltage (V)
10 mA
80 mA
120 mA
MCP1252-33X50
SELECT = GND
VOUT = 5.0V
0
10
20
30
40
50
60
70
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
Supply Voltage (V)
10 mA
80 mA
120 mA
MCP1252-33X50
SELECT = VIN
VOUT = 3.3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com