Electronic Components Datasheet Search
  English  ▼

X  

MCP1252 Datasheet(PDF) 9 Page - Microchip Technology

Part # MCP1252
Description  Low Noise, Positive-Regulated Charge Pump
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1252 Datasheet(HTML) 9 Page - Microchip Technology

Back Button MCP1252_13 Datasheet HTML 5Page - Microchip Technology MCP1252_13 Datasheet HTML 6Page - Microchip Technology MCP1252_13 Datasheet HTML 7Page - Microchip Technology MCP1252_13 Datasheet HTML 8Page - Microchip Technology MCP1252_13 Datasheet HTML 9Page - Microchip Technology MCP1252_13 Datasheet HTML 10Page - Microchip Technology MCP1252_13 Datasheet HTML 11Page - Microchip Technology MCP1252_13 Datasheet HTML 12Page - Microchip Technology MCP1252_13 Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
 2002-2013 Microchip Technology Inc.
DS21752B-page 9
MCP1252/3
4.0
DEVICE OVERVIEW
4.1
Theory of Operation
The MCP1252 and MCP1253 family of devices employ
a switched capacitor charge pump to buck or boost an
input supply voltage (VIN) to a regulated output voltage.
Referring to the Functional Block Diagram and
Figure 4-1, the devices perform conversion and regula-
tion in three phases. When the devices are not in shut-
down mode and a steady-state condition has been
reached, the three phases are continuously cycled
through. The first phase transfers charge from the input
to the flying capacitor (CFLY) connected to pins C+ and
C-. This phase always occurs for half of the internal
oscillator period. During this phase, switches S1 and S2
are closed.
Once the first phase is complete, all switches are
opened and the second phase (idle phase) is entered.
The device compares the internal or external feedback
voltage with an internal reference. If the feedback volt-
age is below the regulation point, the device transitions
to the third phase.
The third phase transfers energy from the flying capac-
itor to the output capacitor connected to VOUT and the
load. If regulation is maintained, the device returns to
the idle phase. If the charge transfer occurs for half the
internal oscillator period, more charge is needed in the
flying capacitor and the device transitions back to the
first phase.
The regulation control is hysteretic, otherwise referred
to as a bang-bang control. The output is regulated
around a fixed reference with some hysteresis. As a
result, typically 50 mV of peak-to-peak ripple will be
observed at the output independent of load current.
The frequency of the output ripple, however, will be
influenced heavily by the load current and output
capacitance. The maximum frequency that will be
observed is equal to the internal oscillator frequency.
The devices automatically transition between buck or
boost operation. This provides a low-cost, compact and
simple solution for step-down/step-up DC/DC conver-
sion. This is especially true for battery-operated appli-
cations that require a fixed output above or below the
input.
FIGURE 4-1:
Flow Algorithm.
START
PHASE 1:
Charge Transfer
From VIN to CFLY
PHASE 2:
Idle State
VFB > VREF
PHASE 3:
Charge Transfer
From CFLY to COUT
No
Yes
No
Yes
Yes
No
No
Yes
VFB > VREF
t1 = 2FOSC
1
t3 = 2FOSC
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com