Electronic Components Datasheet Search
  English  ▼

X  

MCP1252 Datasheet(PDF) 10 Page - Microchip Technology

Part # MCP1252
Description  Low Noise, Positive-Regulated Charge Pump
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1252 Datasheet(HTML) 10 Page - Microchip Technology

Back Button MCP1252_13 Datasheet HTML 6Page - Microchip Technology MCP1252_13 Datasheet HTML 7Page - Microchip Technology MCP1252_13 Datasheet HTML 8Page - Microchip Technology MCP1252_13 Datasheet HTML 9Page - Microchip Technology MCP1252_13 Datasheet HTML 10Page - Microchip Technology MCP1252_13 Datasheet HTML 11Page - Microchip Technology MCP1252_13 Datasheet HTML 12Page - Microchip Technology MCP1252_13 Datasheet HTML 13Page - Microchip Technology MCP1252_13 Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
MCP1252/3
DS21752B-page 10
 2002-2013 Microchip Technology Inc.
4.2
Power Efficiency
The power efficiency,
, is determined by the mode of
operation. In boost mode, the efficiency is approxi-
mately half of a linear regulator. In buck mode, the effi-
ciency is approximately equal to that of a linear
regulator. The following formulas can be used to
approximate the power efficiency with any significant
amount of output current. At light loads, the quiescent
current of the device must be taken into consideration.
EQUATION
4.3
Shutdown Mode
Driving SHDN low places the MCP1252 or MCP1253 in
a low power shutdown mode. This disables the charge
pump switches, oscillator and control logic, reducing
the quiescent current to 0.1 µA (typical). The PGOOD
output is in a high-impedance state during shutdown.
4.4
PGOOD Output
The PGOOD output is an open-drain output that sinks
current when the regulator output voltage falls below
0.93VOUT (typical). The output voltage can either be
fixed when the selectable output device is chosen
(MCP1252-33X50, MCP1253-33X50) or adjustable
from an external resistive divider when the adjustable
device is chosen (MCP1252-ADJ, MCP1253-ADJ). If
the regulator output voltage falls below 0.93VOUT (typ-
ical) for less than 200 µsec and then recovers, glitch-
immunity circuits prevent the PGOOD signal from tran-
sitioning low. A 10 k
 to 1 M pull-up resistor from
PGOOD to VOUT may be used to provide a logic output.
Connect PGOOD to GND or leave unconnected if not
used.
4.5
Soft-Start and Short-Circuit
Protection
The MCP1252 and MCP1253 features foldback short-
circuit protection. This circuitry provides an internal
soft-start function by limiting in-rush current during
startup and also limits the output current to 200 mA
(typical) if the output is shorted to GND. The internal
soft-start circuitry requires approximately 300 µsec,
typical with a 5V output, from either initial power-up or
release from shutdown for the output voltage to be in
regulation.
4.6
Thermal Shutdown
The MCP1252 and MCP1253 feature thermal shut-
down with temperature hysteresis. When the die tem-
perature exceeds 160°C, typically, the device shuts
down. When the die cools by 15°C, typically, the device
automatically turns back on. If high die temperature is
caused by output overload and the load is not removed,
the device will turn on and off, resulting in a pulse out-
put.
5.0
APPLICATIONS
The MCP1252 and MCP1253 are inductorless, positive
regulated, charge pump DC/DC converters. A typical
circuit configuration for the fixed output version is
depicted in Figure 5-1. The adjustable version is
depicted in Figure 5-2.
FIGURE 5-1:
Typical Circuit Configuration
for Fixed Output Device.
FIGURE 5-2:
Typical Circuit Configuration
for Adjustable Output Device.
BOOST
P
OUT
P
IN
-------------
V
OUT
I
OUT
V
IN
2
I
OUT
------------------------------------
V
OUT
V
IN
2
------------------
==
=
BUCK
P
OUT
P
IN
-------------
V
OUT
I
OUT
V
IN
I
OUT
--------------------------------
V
OUT
V
IN
-------------
==
=
MCP1252-33X50
C+
CFLY
6
5
C-
VIN
SHDN
3
7
OFF
ON
Shutdown
Control
+
2.7V to 5.5V
CIN
GND
SELECT
PGOOD
VOUT
8
1
2
+
COUT
RPU
PGOOD Flag
To PIC®
+5.0V ±2.5%
SELECTABLE OUTPUT VOLTAGE
4
CFLY = 1µF
CIN = 10 µF
COUT = 10 µF
Microcontroller
RPU = 100 k
MCP1252-ADJ
C+
CFLY
6
5
C-
VIN
SHDN
3
7
OFF
ON
Shutdown
Control
+
2.7V to 5.5V
CIN
GND
FB
PGOOD
VOUT
8
1
2
+
COUT
RPU
PGOOD Flag
To PIC®
+4.0V
ADJUSTABLE OUTPUT VOLTAGE
R2
R1
4
VOUT = 1.21V (1 + R1/R2)
Microcontroller
CFLY = 1µF
CIN = 10 µF
COUT = 10 µF
RPU = 100 k
R1 = 23.2 k
R2 = 10 k
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com