Electronic Components Datasheet Search
  English  ▼

X  

AD829JRZ Datasheet(PDF) 1 Page - Analog Devices

Part # AD829JRZ
Description  High Speed, Low Noise Video Op Amp
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD829JRZ Datasheet(HTML) 1 Page - Analog Devices

  AD829JRZ Datasheet HTML 1Page - Analog Devices AD829JRZ Datasheet HTML 2Page - Analog Devices AD829JRZ Datasheet HTML 3Page - Analog Devices AD829JRZ Datasheet HTML 4Page - Analog Devices AD829JRZ Datasheet HTML 5Page - Analog Devices AD829JRZ Datasheet HTML 6Page - Analog Devices AD829JRZ Datasheet HTML 7Page - Analog Devices AD829JRZ Datasheet HTML 8Page - Analog Devices AD829JRZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
High Speed, Low Noise
Video Op Amp
Data Sheet
AD829
Rev. I
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2011 Analog Devices, Inc. All rights reserved.
FEATURES
High speed
120 MHz bandwidth, gain = −1
230 V/µs slew rate
90 ns settling time to 0.1%
Ideal for video applications
0.02% differential gain
0.04° differential phase
Low noise
1.7 nV/√Hz input voltage noise
1.5 pA/√Hz input current noise
Excellent dc precision
1 mV maximum input offset voltage (over temperature)
0.3 µV/°C input offset drift
Flexible operation
Specified for ±5 V to ±15 V operation
±3 V output swing into a 150 Ω load
External compensation for gains 1 to 20
5 mA supply current
Available in tape and reel in accordance with EIA-481A standard
GENERAL DESCRIPTION
The
is a low noise (1.7 nV/√Hz), high speed op amp with
custom compensation that provides the user with gains of 1 to 20
while maintaining a bandwidth >50 MHz. Its 0.04° differential
phase and 0.02% differential gain performance at 3.58 MHz and
4.43 MHz, driving reverse-terminated 50 Ω or 75 Ω cables, makes
it ideally suited for professional video applications. The AD829
achieves its 230 V/µs uncompensated slew rate and 750 MHz
gain bandwidth while requiring only 5 mA of current from
power supplies.
The external compensation pin of the AD829 gives it
exceptional versatility. For example, compensation can be
selected to optimize the bandwidth for a given load and power
supply voltage. As a gain-of-2 line driver, the −3 dB bandwidth
can be increased to 95 MHz at the expense of 1 dB of peaking.
Its output can also be clamped at its external compensation pin.
The AD829 exhibits excellent dc performance. It offers a minimum
open-loop gain of 30 V/mV into loads as low as 500 Ω, a low input
voltage noise of 1.7 nV/√Hz, and a low input offset voltage of 1 mV
maximum. Common-mode rejection and power supply rejection
ratios are both 120 dB.
This op amp is also useful in multichannel, high speed data
conversion where its fast (90 ns to 0.1%) settling time is important.
In such applications, the AD829 serves as an input buffer for 8-bit to
10-bit ADCs and as an output I/V converter for high speed DACs.
CONNECTION DIAGRAM
Figure 1. 8-Lead PDIP (N), CERDIP (Q), and SOIC (R)
Figure 2. 20-Terminal LCC
Operating as a traditional voltage feedback amplifier, the AD829
provides many of the advantages that a transimpedance amplifier
offer. A bandwidth >50 MHz can be maintained for a range of
gains through the replacement of the external compensation
capacitor. The AD829 and the transimpedance amplifier are both
unity-gain stable and provide similar voltage noise performance
(1.7 nV/√Hz); however, the current noise of the AD829
(1.5 pA/√Hz) is less than 10% of the noise of transimpedance
amplifiers. The inputs of the AD829 are symmetrical.
PRODUCT HIGHLIGHTS
1. The input voltage noise of 2 nV/√Hz, current noise of
1.5 pA/√Hz, and 50 MHz bandwidth for gains of 1 to 20
make the AD829 an ideal preamp.
2. A differential phase error of 0.04 and a 0.02% differential
gain error, at the 3.58 MHz NTSC, 4.43 MHz PAL, and
SECAM color subcarrier frequencies, make the op amp an
outstanding video performer for driving reverse-terminated
50 Ω and 75 Ω cables to ±1 V (at their terminated end).
3. The AD829 can drive heavy capacitive loads.
4. Performance is fully specified for operation from ±5 V
to ±15 V supplies.
5. The AD829 is available in PDIP, CERDIP, and small outline
packages. Chips and MIL-STD-883B parts are also available.
The 8-lead SOIC is available for the extended temperature
range (−40°C to +125°C).
AD829
TOP VIEW
(Not to Scale)
OFFSET NULL
1
–IN
2
+IN
3
–VS 4
OFFSET NULL
+VS
OUTPUT
CCOMP
8
7
6
5
20 19
1
2
3
18
14
15
16
17
4
5
6
7
8
9
10 11 12 13
NC
+V
NC
OUTPUT
NC
NC = NO CONNECT
NC
–IN
NC
+IN
NC
AD829
TOP VIEW
(Not to Scale)


Similar Part No. - AD829JRZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD829JRZ AD-AD829JRZ Datasheet
394Kb / 21P
High Speed, Low Noise Video Op Amp
10/11-Rev. H to Rev. I
AD829JRZ AD-AD829JRZ Datasheet
378Kb / 20P
High Speed, Low Noise Video Op Amp
Rev. I
AD829JRZ-REEL AD-AD829JRZ-REEL Datasheet
394Kb / 21P
High Speed, Low Noise Video Op Amp
10/11-Rev. H to Rev. I
AD829JRZ-REEL AD-AD829JRZ-REEL Datasheet
378Kb / 20P
High Speed, Low Noise Video Op Amp
Rev. I
AD829JRZ-REEL7 AD-AD829JRZ-REEL7 Datasheet
394Kb / 21P
High Speed, Low Noise Video Op Amp
10/11-Rev. H to Rev. I
More results

Similar Description - AD829JRZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD829 AD-AD829 Datasheet
321Kb / 12P
High-Speed, Low-Noise Video Op Amp
REV.E
AD829 AD-AD829_04 Datasheet
275Kb / 16P
High Speed, Low Noise Video Op Amp
4/04-Data Sheet changed from REV. F to REV. G.
AD8022 AD-AD8022_05 Datasheet
370Kb / 16P
Dual High Speed, Low Noise Op Amp
REV. B
logo
Linear Technology
LT1007 LINER-LT1007_09 Datasheet
75Kb / 2P
Low Noise, High Speed Precision Op Amp
logo
Analog Devices
AD829JNZ AD-AD829JNZ Datasheet
379Kb / 20P
High Speed, Low Noise Video Op Amp
Rev. I
logo
Linear Technology
OP227EN LINER-OP227EN Datasheet
2Mb / 12P
Dual Matched Low Noise Precision Op Amp and Dual High Speed Low Noise Prescision Op Amp
logo
Analog Devices
AD829 AD-AD829_15 Datasheet
379Kb / 20P
High Speed, Low Noise Video Op Amp
Rev. I
AD8022 AD-AD8022_15 Datasheet
527Kb / 17P
Dual High Speed, Low Noise Op Amp
REV. C
logo
Linear Technology
RH37C LINER-RH37C_15 Datasheet
106Kb / 2P
Low Noise, High Speed Precision Op Amp
logo
Analog Devices
AD829 AD-AD829_17 Datasheet
394Kb / 21P
High Speed, Low Noise Video Op Amp
10/11-Rev. H to Rev. I
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com