Electronic Components Datasheet Search
  English  ▼

X  

AD829JRZ Datasheet(PDF) 13 Page - Analog Devices

Part # AD829JRZ
Description  High Speed, Low Noise Video Op Amp
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD829JRZ Datasheet(HTML) 13 Page - Analog Devices

Back Button AD829JRZ Datasheet HTML 9Page - Analog Devices AD829JRZ Datasheet HTML 10Page - Analog Devices AD829JRZ Datasheet HTML 11Page - Analog Devices AD829JRZ Datasheet HTML 12Page - Analog Devices AD829JRZ Datasheet HTML 13Page - Analog Devices AD829JRZ Datasheet HTML 14Page - Analog Devices AD829JRZ Datasheet HTML 15Page - Analog Devices AD829JRZ Datasheet HTML 16Page - Analog Devices AD829JRZ Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
Data Sheet
AD829
Rev. I | Page 13 of 20
supply voltages should be used. Figure 38 is a graphical extension
of Table 4, which shows the slew rate/gain trade-off for lower
closed-loop gains, when using the shunt compensation scheme.
Figure 38. Value of CCOMP and Slew Rate vs. Noise Gain
CURRENT FEEDBACK COMPENSATION
Bipolar, nondegenerated, single-pole, and internally
compensated amplifiers have their bandwidths defined as
COMP
COMP
e
T
C
q
kT
I
C
r
f
π
=
π
=
2
2
1
where:
fT is the unity-gain bandwidth of the amplifier.
I is the collector current of the input transistor.
CCOMP is the compensation capacitance.
re is the inverse of the transconductance of the input transistors.
kT/q approximately equals 26 mV at 27°C.
Because both fT and slew rate are functions of the same variables,
the dynamic behavior of an amplifier is limited. Because
COMP
C
I
Rate
Slew
2
=
then
q
kT
f
Rate
Slew
T
π
= 4
This shows that the slew rate is only 0.314 V/µs for every mega-
hertz of bandwidth. The only way to increase the slew rate is to
increase the fT, and that is difficult because of process limitations.
Unfortunately, an amplifier with a bandwidth of 10 MHz can
only slew at 3.1 V/µs, which is barely enough to provide a full
power bandwidth of 50 kHz.
The AD829 is especially suited to a form of current feedback
compensation that allows for the enhancement of both the full
power bandwidth and the slew rate of the amplifier. The voltage
gain from the inverting input pin to the compensation pin is
large; therefore, if a capacitance is inserted between these pins,
the bandwidth of the amplifier becomes a function of its feed-
back resistor and the capacitance. The slew rate of the amplifier
is now a function of its internal bias (2I) and the compensation
capacitance.
Table 4. Component Selection for Shunt Compensation
Follower Gain
Inverter Gain
R1 (Ω)
R2 (Ω)
CLEAD (pF)
CCOMP (pF)
Slew Rate (V/µs)
−3 dB Small Signal Bandwidth (MHz)
1
Open
100
0
68
16
66
2
−1
1 k
1 k
5
25
38
71
5
−4
511
2.0 k
1
7
90
76
10
−9
226
2.05 k
0
3
130
65
20
−19
105
2 k
0
0
230
55
25
−24
105
2.49
0
0
230
39
100
−99
20
2 k
0
0
230
7.5
NOISE GAIN
1
10
1
10
100
10
100
1k
100
SLEW RATE
CCOMP
VS = ±15V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com