Electronic Components Datasheet Search
  English  ▼

X  

AD829JRZ Datasheet(PDF) 3 Page - Analog Devices

Part # AD829JRZ
Description  High Speed, Low Noise Video Op Amp
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD829JRZ Datasheet(HTML) 3 Page - Analog Devices

  AD829JRZ Datasheet HTML 1Page - Analog Devices AD829JRZ Datasheet HTML 2Page - Analog Devices AD829JRZ Datasheet HTML 3Page - Analog Devices AD829JRZ Datasheet HTML 4Page - Analog Devices AD829JRZ Datasheet HTML 5Page - Analog Devices AD829JRZ Datasheet HTML 6Page - Analog Devices AD829JRZ Datasheet HTML 7Page - Analog Devices AD829JRZ Datasheet HTML 8Page - Analog Devices AD829JRZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
Data Sheet
AD829
Rev. I | Page 3 of 20
SPECIFICATIONS
TA = 25°C and VS = ±15 V dc, unless otherwise noted.
Table 1.
AD829JR
AD829AR
AD829AQ/AD829S
Parameter
Conditions
VS
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
INPUT OFFSET VOLTAGE
tMIN to tMAX
±5 V,
±15 V
0.2
1
0.2
1
0.1
0.5
mV
1
1
0.5
mV
Offset Voltage Drift
±5 V,
±15 V
0.3
0.3
0.3
µV/°C
INPUT BIAS CURRENT
±5 V,
±15 V
3.3
7
3.3
7
3.3
7
µA
tMIN to tMAX
8.2
9.5
9.5
µA
INPUT OFFSET CURRENT
±5 V,
±15 V
50
500
50
500
50
500
nA
tMIN to tMAX
500
500
500
nA
Offset Current Drift
± 5 V,
±15 V
0.5
0.5
0.5
nA/°C
OPEN-LOOP GAIN
VO = ±2.5 V,
RL = 500 Ω
±5 V
30
65
30
65
30
65
V/mV
RL = 150 Ω
40
40
40
V/mV
tMIN to tMAX
20
20
20
V/mV
VO = ±10 V,
RL = 1 kΩ
±15 V
50
100
50
100
50
100
V/mV
RL = 500 Ω
85
85
85
V/mV
tMIN to tMAX
20
20
20
V/mV
DYNAMIC PERFORMANCE
Gain Bandwidth Product
±5 V
600
600
600
MHz
±15 V
750
750
750
MHz
Full Power Bandwidth1, 2
VO = 2 V p-p,
RL = 500 Ω
±5 V
25
25
25
MHz
VO = 20 V p-p,
RL = 1 kΩ
±15 V
3.6
3.6
3.6
MHz
Slew Rate2
RL = 500 Ω
±5 V
150
150
150
V/µs
RL = 1 kΩ
±15 V
230
230
230
V/µs
Settling Time to 0.1%
AV = –19
−2.5 V to
+2.5 V
±5 V
65
65
65
ns
10 V step
±15 V
90
90
90
ns
Phase Margin2
CL = 10 pF
±15 V
RL = 1 kΩ
60
60
60
Degrees
DIFFERENTIAL GAIN ERROR3
RL = 100 Ω,
CCOMP = 30 pF
±15 V
0.02
0.02
0.02
%
DIFFERENTIAL PHASE ERROR3
RL = 100 Ω,
CCOMP = 30 pF
±15 V
0.04
0.04
0.04
Degrees
COMMON-MODE REJECTION
VCM = ±2.5 V
±5 V
100
120
100
120
100
120
dB
VCM = ±12 V
±15 V
100
120
100
120
100
120
dB
tMIN to tMAX
96
96
96
dB
POWER SUPPLY REJECTION
VS = ±4.5 V
to ±18 V
98
120
98
120
98
120
dB
tMIN to tMAX
94
94
94
dB
INPUT VOLTAGE NOISE
f = 1 kHz
±15 V
1.7
2
1.7
2
1.7
2
nV/√Hz
INPUT CURRENT NOISE
f = 1 kHz
±15 V
1.5
1.5
1.5
pA/√Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com