Electronic Components Datasheet Search
  English  ▼

X  

AD829JRZ Datasheet(PDF) 15 Page - Analog Devices

Part # AD829JRZ
Description  High Speed, Low Noise Video Op Amp
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD829JRZ Datasheet(HTML) 15 Page - Analog Devices

Back Button AD829JRZ Datasheet HTML 11Page - Analog Devices AD829JRZ Datasheet HTML 12Page - Analog Devices AD829JRZ Datasheet HTML 13Page - Analog Devices AD829JRZ Datasheet HTML 14Page - Analog Devices AD829JRZ Datasheet HTML 15Page - Analog Devices AD829JRZ Datasheet HTML 16Page - Analog Devices AD829JRZ Datasheet HTML 17Page - Analog Devices AD829JRZ Datasheet HTML 18Page - Analog Devices AD829JRZ Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
Data Sheet
AD829
Rev. I | Page 15 of 20
Figure 44 and Figure 45 show the closed-loop frequency
response of the AD829 for different closed-loop gains and
different supply voltages.
Figure 44. Closed-Loop Frequency Response for the Inverting Amplifier Using
Current Feedback Compensation
Figure 45. Closed-Loop Frequency Response vs. Supply for the Inverting
Amplifier Using Current Feedback Compensation
When a noninverting amplifier configuration using a current
feedback compensation is needed, the circuit shown in Figure 46 is
recommended. This circuit provides a slew rate twice that of the
shunt compensated noninverting amplifier of Figure 47 at the
expense of gain flatness. Nonetheless, this circuit delivers 95 MHz
bandwidth with 1 dB flatness into a back-terminated cable,
with a differential gain error of only 0.01% and a differential
phase error of only 0.015 at 4.43 MHz.
Figure 46. Noninverting Amplifier Connection Using Current Feedback
Compensation
Figure 47. Video Line Driver with a Flatness over Frequency Adjustment
LOW ERROR VIDEO LINE DRIVER
The buffer circuit shown in Figure 47 drives a back-terminated
75 Ω video line to standard video levels (1 V p-p), with 0.1 dB
gain flatness to 30 MHz and with only 0.04° and 0.02% differential
phase and gain at the 4.43 MHz PAL color subcarrier frequency.
This level of performance, which meets the requirements for
high definition video displays and test equipment, is achieved
using only 5 mA quiescent current.
FREQUENCY (MHz)
1
10
–15
–12
–9
–6
–3
0
3
6
9
12
15
100
GAIN = –4
CCOMP = 2pF
GAIN = –2
CCOMP = 3pF
GAIN = –1
CCOMP = 4pF
VS = ±15V
RL = 1kΩ
RF = 1kΩ
VIN = –30dBm
FREQUENCY (MHz)
1
10
–47
–44
–41
–38
–35
–32
–29
–26
–23
–20
–17
100
±5V
±15V
VIN = –20dBm
RL = 1kΩ
RF = 1kΩ
GAIN = –1
CCOMP = 4pF
3
2
7
6
4
5
+
–
AD829
+15V
–15V
0.1
µF
3pF
CCOMP
2k
Ω
2k
Ω
0.1
µF
50
Ω
50k
Ω
50
Ω
50
Ω
COAX
CABLE
50
Ω
COAX
CABLE
VIN
VOUT
3
2
7
6
5
4
+
–
AD829
+15V
0.1
µF
30pF
CCOMP
–15V
0.1
µF
300
Ω
300
Ω
75
Ω
75
Ω
75
Ω
50
Ω
COAX
CABLE
VIN
VOUT
OPTIONAL
2pF TO 7pF
FLATNESS
TRIM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com