Electronic Components Datasheet Search
  English  ▼

X  

AD7776 Datasheet(PDF) 6 Page - Analog Devices

Part # AD7776
Description  LC2MOS, High Speed 1-,4-,and 8-Channel 10-Bit ADCs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7776 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD7776_02 Datasheet HTML 2Page - Analog Devices AD7776_02 Datasheet HTML 3Page - Analog Devices AD7776_02 Datasheet HTML 4Page - Analog Devices AD7776_02 Datasheet HTML 5Page - Analog Devices AD7776_02 Datasheet HTML 6Page - Analog Devices AD7776_02 Datasheet HTML 7Page - Analog Devices AD7776_02 Datasheet HTML 8Page - Analog Devices AD7776_02 Datasheet HTML 9Page - Analog Devices AD7776_02 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
AD7776/AD7777/AD7778
–6–
REV. A
AD7778
CR5 CR4
CR3
Function
00
0
Select AIN1
00
1
Select AIN2
01
0
Select AIN3
01
1
Select AIN4
10
0
Select AIN5
10
1
Select AIN6
11
0
Select AIN7
11
1
Select AIN8
CR6: Determines whether operation is on a single channel or
simultaneous sampling on two channels. Location CR6 is a
“don’t care” for the AD7776.
CR6
Function
0
Single channel operation. Channel select
address is contained in locations CR0–CR2.
1
Two channels simultaneously sampled
and sequentially converted. Channel
select addresses contained in locations
CR0–CR2 and CR3–CR5.
CR7: Determines whether the device is in the normal operating
mode or in the half-scale test mode.
CR7
Function
0Normal Operating Mode
1Half-Scale Test Mode
In the half-scale test mode, REFIN is internally connected as an
analog input(s). In this mode, locations CR0–CR2 and CR3–CR5
are all “don’t cares” since it is REFIN which is converted. For
the AD7777 and AD7778, the contents of location CR6 still
determine whether a single or a double conversion is carried out
on the REFIN level.
CR8: Determines whether the device is in the normal operating
mode or in the power-down mode.
CR8
Function
0Normal Operating Mode
1
Power-Down Mode
In the power-down mode all linear circuitry is turned off and the
REFOUT output is weakly (5 k
Ω) pulled to AGND. The input
impedance of the analog inputs and of the REFIN input remains
the same in either normal mode or power-down mode. See
under Circuit Description—Power-Down Mode.
CR9: Determines whether
BUSY/INT output flag goes low and
remains low during conversion(s) or else goes low and remains
low after the conversion(s) is (are) complete.
CR9
BUSY/INT Functionality
0
Output goes low and remains low during
conversion(s).
1
Output goes low and remains low after conversion(s)
is (are) complete.
CONTROL REGISTER
The control register is 10-bit wide and can only be written to.
On power-on, all locations in the control register are automati-
cally loaded with 0s. For the single channel AD7776, locations
CR0 to CR6 of the control register are “don’t cares.” For the
quad channel AD7777, locations CR2 and CR5 are “don’t
cares.” Individual bit functions are described below.
CR0–CR2: Channel Address Locations. Determines which channel
is selected and converted for single-channel operation. For simulta-
neous sampling operation, CR0–CR2 holds the address of one of
the two channels to be sampled.
AD7776
CR2 CR1
CR0
Function
X
*
XX
Select AIN1
*X = Don’t Care
AD7777
CR2 CR1
CR0
Function
X
*
00
Select AIN1
X0
1
Select AIN2
X1
0
Select AIN3
X1
1
Select AIN4
*X = Don’t Care
AD7778
CR2 CR1
CR0
Function
00
0
Select AIN1
00
1
Select AIN2
01
0
Select AIN3
01
1
Select AIN4
10
0
Select AIN5
10
1
Select AIN6
11
0
Select AIN7
11
1
Select AIN8
CR3–CR5: Channel Address Locations. Only applicable for simul-
taneous sampling with the AD7777 or AD7778 when CR3–CR5
holds the address of the second channel to be sampled.
AD7777
CR5 CR4
CR3
Function
X
*
00
Select AIN1
X0
1
Select AIN2
X1
0
Select AIN3
X1
1
Select AIN4
*X = Don’t Care



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com