Electronic Components Datasheet Search
  English  ▼

X  

AD7776 Datasheet(PDF) 2 Page - Analog Devices

Part # AD7776
Description  LC2MOS, High Speed 1-,4-,and 8-Channel 10-Bit ADCs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7776 Datasheet(HTML) 2 Page - Analog Devices

  AD7776_02 Datasheet HTML 1Page - Analog Devices AD7776_02 Datasheet HTML 2Page - Analog Devices AD7776_02 Datasheet HTML 3Page - Analog Devices AD7776_02 Datasheet HTML 4Page - Analog Devices AD7776_02 Datasheet HTML 5Page - Analog Devices AD7776_02 Datasheet HTML 6Page - Analog Devices AD7776_02 Datasheet HTML 7Page - Analog Devices AD7776_02 Datasheet HTML 8Page - Analog Devices AD7776_02 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
REV. A
–2–
AD7776/AD7777/AD7778–SPECIFICATIONS
CLKIN = 8 MHz; RTN = O V; CREFIN = 10 nF; all specifications TMIN to TMAX unless otherwise noted.)
Parameter
A Versions
1
Units
Conditions/Comments
DC ACCURACY
Resolution
2
10
Bits
Relative Accuracy
±1
LSB max
See Terminology
Differential Nonlinearity
±1
LSB max
No Missing Codes; See Terminology
Bias Offset Error
±12
LSB max
See Terminology
Bias Offset Error Match
10
LSB max
Between Channels, AD7777/AD7778 Only; See Terminology
Plus or Minus Full-Scale Error
±12
LSB max
See Terminology
Plus or Minus Full-Scale Error Match 10
LSB max
Between Channels, AD7777/AD7778 Only; See Terminology
ANALOG INPUTS
Input Voltage Range
All Inputs
VBIAS
± V
SWING
V min/V max
Input Current
+200
µA max
VIN = VBIAS
± V
SWING; Any Channel
REFERENCE INPUT
REFIN
1.9/2.1
V min/V max
For Specified Performance
REFIN Input Current
+200
µA max
REFERENCE OUTPUT
REFOUT
1.9/2.1
V min/V max
Nominal REFOUT = 2.0 V
DC Output Impedance
5
Ω typ
Reference Load Change
±2
mV max
For Reference Load Current Change of 0 to
±500 µA
±5
mV max
For Reference Load Current Change of 0 to
±1 mA
Reference Load Should Not Change During Conversion
Short Circuit Current
3
20
mA max
See Terminology
LOGIC OUTPUTS
DB0–DB9,
BUSY/INT
VOL, Output Low Voltage
0.4
V max
ISINK = 1.6 mA
VOH, Output High Voltage
4.0
V min
ISOURCE = 200
µA
Floating State Leakage Current
±10
µA max
Floating State Capacitance
3
10
pF max
ADC Output Coding
Twos Complement
LOGIC INPUTS
DB0–DB9,
CS, WR, RD, CLKIN
Input Low Voltage, VINL
0.8
V max
Input High Voltage, VINH
2.4
V min
Input Leakage Current
10
µA max
Input Capacitance
3
10
pF max
CONVERSION TIMING
Acquisition Time
4.5 tCLKIN
ns min
See Terminology
5.5 tCLKIN + 70
ns max
Single Conversion
14 tCLKIN
ns max
Double Conversion
28 tCLKIN
ns max
tCLKIN
125/500
ns min/ns max Period of Input Clock CLKIN
tCLKIN High
50
ns min
Minimum High Time for CLKIN
tCLKIN Low
40
ns min
Minimum Low Time for CLKIN
POWER REQUIREMENTS
VCC Range
4.75/5.25
V min/V max
For Specified Performance
ICC, Normal Mode
15
mA max
CS = RD = +5 V, CR8 = 0
ICC, Power-Down Mode
1.5
mA max
CR8 = 1. All Linear Circuitry OFF
Power-Up Time to Operational
Specifications
500
µs max
From Power-Down Mode
DYNAMIC PERFORMANCE
See Terminology
Signal to Noise and Distortion
S/(N+D) Ratio
–56
dB min
VIN = 99.88 kHz Full-Scale Sine Wave with fSAMPLING = 380.95 kHz
Total Harmonic Distortion (THD)
–60
dB min
VIN = 99.88 kHz Full-Scale Sine Wave with fSAMPLING = 380.95 kHz
Intermodulation Distortion (IMD)
–75
dB typ
fa = 103.2 kHz, fb = 96.5 kHz with fSAMPLING = 380.95 kHz. Both
Signals Are Sine Waves at Half-Scale Amplitude
Channel-to-Channel Isolation
–90
dB typ
VIN = 100 kHz Full-Scale Sine Wave with fSAMPLING = 380.95 kHz
NOTES
1Temperature range as follows: A = –40
°C to +85°C.
21 LSB = (2
× V
SWING)/1024 = 1.95 mV for VSWING = 1.0 V.
3Guaranteed by design, not production tested.
Specifications subject to change without notice.
(VCC = +5 V
5%; AGND = DGND = O V;



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com