Electronic Components Datasheet Search
  English  ▼

X  

AD7776 Datasheet(PDF) 11 Page - Analog Devices

Part # AD7776
Description  LC2MOS, High Speed 1-,4-,and 8-Channel 10-Bit ADCs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7776 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD7776_02 Datasheet HTML 4Page - Analog Devices AD7776_02 Datasheet HTML 5Page - Analog Devices AD7776_02 Datasheet HTML 6Page - Analog Devices AD7776_02 Datasheet HTML 7Page - Analog Devices AD7776_02 Datasheet HTML 8Page - Analog Devices AD7776_02 Datasheet HTML 9Page - Analog Devices AD7776_02 Datasheet HTML 10Page - Analog Devices AD7776_02 Datasheet HTML 11Page - Analog Devices AD7776_02 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
AD7776/AD7777/AD7778
–11–
REV. A
RTN is tied to REFOUT, then the analog input range becomes
0 V to 2 V. The fixed 2 V analog input voltage span of the ADC
can range from 1 V to 3 V (RTN = 0 V) to 0 V to 2 V (RTN =
2 V), i.e., with proper biasing, an input signal range from 0.3 V
to 2.3 V can be covered. Both the relative accuracy and differen-
tial nonlinearity performance remain essentially unchanged in
this mode, while the SNR and THD performance are typically
2 dB to 3 dB worse than standard.
Changing the Analog Input Voltage Range
By biasing the RTN pin above AGND, it is possible to change
the analog input voltage range from its VBIAS
± VSWING format to
a more traditional 0 V to VREF range. The new input range can
be described as
VtoV
REFIN
OFFSET
OFFSET
+
()
where 0 V
≤ VOFFSET ≤ 1 V. To produce this range, the RTN pin
must be biased to (REFIN – 2 VOFFSET). For instance, if
OUTLINE DIMENSIONS
24-Lead Standard Small Outline Package [SOIC]
Wide Body
(RW-24)
Dimensions shown in millimeters and (inches)
CONTROLLING DIMENSIONS ARE IN MILLIMETERS; INCH DIMENSIONS
(IN PARENTHESES) ARE ROUNDED-OFF MILLIMETER EQUIVALENTS FOR
REFERENCE ONLY AND ARE NOT APPROPRIATE FOR USE IN DESIGN
COMPLIANT TO JEDEC STANDARDS MS-013AD
0.32 (0.0126)
0.23 (0.0091)
8
0
0.75 (0.0295)
0.25 (0.0098)
45
1.27 (0.0500)
0.40 (0.0157)
SEATING
PLANE
0.30 (0.0118)
0.10 (0.0039)
0.51 (0.020)
0.33 (0.013)
2.65 (0.1043)
2.35 (0.0925)
1.27 (0.0500)
BSC
24
13
12
1
10.65 (0.4193)
10.00 (0.3937)
7.60 (0.2992)
7.40 (0.2913)
15.60 (0.6142)
15.20 (0.5984)
COPLANARITY
0.10
28-Lead Standard Small Outline Package [SOIC]
Wide Body
(RW-28)
Dimensions shown in millimeters and (inches)
CONTROLLING DIMENSIONS ARE IN MILLIMETERS; INCH DIMENSIONS
(IN PARENTHESES) ARE ROUNDED-OFF MILLIMETER EQUIVALENTS FOR
REFERENCE ONLY AND ARE NOT APPROPRIATE FOR USE IN DESIGN
COMPLIANT TO JEDEC STANDARDS MS-013AE
0.32 (0.0126)
0.23 (0.0091)
8
0
0.75 (0.0295)
0.25 (0.0098)
45
1.27 (0.0500)
0.40 (0.0157)
SEATING
PLANE
0.30 (0.0118)
0.10 (0.0039)
0.51 (0.0201)
0.33 (0.0130)
2.65 (0.1043)
2.35 (0.0925)
1.27 (0.0500)
BSC
28
15
14
1
18.10 (0.7126)
17.70 (0.6969)
10.65 (0.4193)
10.00 (0.3937)
7.60 (0.2992)
7.40 (0.2913)
COPLANARITY
0.10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com