Electronic Components Datasheet Search
  English  ▼

X  

AD7776 Datasheet(PDF) 12 Page - Analog Devices

Part # AD7776
Description  LC2MOS, High Speed 1-,4-,and 8-Channel 10-Bit ADCs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7776 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD7776_02 Datasheet HTML 4Page - Analog Devices AD7776_02 Datasheet HTML 5Page - Analog Devices AD7776_02 Datasheet HTML 6Page - Analog Devices AD7776_02 Datasheet HTML 7Page - Analog Devices AD7776_02 Datasheet HTML 8Page - Analog Devices AD7776_02 Datasheet HTML 9Page - Analog Devices AD7776_02 Datasheet HTML 10Page - Analog Devices AD7776_02 Datasheet HTML 11Page - Analog Devices AD7776_02 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
AD7776/AD7777/AD7778
–12–
REV. A
OUTLINE DIMENSIONS
28-Lead Plastic Dual-in-Line Package [PDIP]
(N-28)
Dimensions shown in millimeters and (inches)
4.95 (0.1949)
3.18 (0.1252 )
0.38 (0.0150)
0.20 (0.0079)
15.87 (0.6248)
15.24 (0.6000)
28
1
14
15
14.73 (0.5799)
12.32 (0.4850)
39.70 (1.5630)
35.10 (1.3819)
SEATING
PLANE
1.52 (0.0598)
0.38 (0.0150)
6.35
(0.2500)
MAX
0.56 (0.0220)
0.36 (0.0142)
5.05 (0.1988)
3.18 (0.1252)
3.81
(0.1500)
MIN
2.54
(0.1000)
BSC
1.77
(0.0697)
MAX
CONTROLLING DIMENSIONS ARE IN MILLIMETERS; INCH DIMENSIONS
(IN PARENTHESES) ARE ROUNDED-OFF MILLIMETER EQUIVALENTS FOR
REFERENCE ONLY AND ARE NOT APPROPRIATE FOR USE IN DESIGN
44-Lead Plastic Quad Flatpack [PQFP]
(S-44)
Dimensions shown in millimeters
13.20 BSC SQ
0.80
BSC
10.00 BSC SQ
0.45
0.29
2.20
2.00
1.80
2.45
MAX
1.03
0.88
0.73
8
0.8
SEATING
PLANE
TOP VIEW
(PINS DOWN)
1
33
34
11
12
23
22
44
COPLANARITY
0.10
COMPLIANT TO JEDEC STANDARDS MS-022-AB
PIN 1
0.25 MAX
Revision History
Location
Page
10/02—Data Sheet changed from REV. 0 to REV. A.
Changes to SPECIFICATIONS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2
Changes to ORDERING GUIDE . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4
Changes to Total Harmonic Distortion, THD section . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10
Changes to OUTLINE DIMENSIONS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com