Electronic Components Datasheet Search
  English  ▼

X  

AD7705 Datasheet(PDF) 41 Page - Analog Devices

Part # AD7705
Description  3 V/5 V, 1 mW, 2-/3-Channel, 16-Bit, Sigma-Delta ADCs
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7705 Datasheet(HTML) 41 Page - Analog Devices

Back Button AD7705 Datasheet HTML 36Page - Analog Devices AD7705 Datasheet HTML 37Page - Analog Devices AD7705 Datasheet HTML 38Page - Analog Devices AD7705 Datasheet HTML 39Page - Analog Devices AD7705 Datasheet HTML 40Page - Analog Devices AD7705 Datasheet HTML 41Page - Analog Devices AD7705 Datasheet HTML 42Page - Analog Devices AD7705 Datasheet HTML 43Page - Analog Devices AD7705 Datasheet HTML 44Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 41 / 44 page
background image
AD7705/AD7706
Rev. C | Page 41 of 44
BATTERY MONITORING
An application where the low power, single-supply operation is
required is battery monitoring in portable equipment applications.
Figure 29 shows a block diagram of a battery monitor using the
AD7705 and an external multiplexer to measure differentially
the voltage across a single cell.
The second channel on the AD7705 is used to monitor current
drain from the battery. The AD7705, with its dual-input
channel, is ideally suited for measurement systems requiring
two input channels, as in this case, to monitor voltage and
current.
Because the AD7705 can accommodate very low input signals,
RSENSE can be kept low, reducing undesired power dissipation.
Operating with a gain of 128, a ±9.57 mV full-scale signal can
be measured with a resolution of 2 μV, giving 13.5 bits of flicker-
free performance in such a system.
To obtain specified performance in unbuffered mode, the
common-mode range of the input is GND to VDD, provided that
the absolute value of the analog input voltage lies between
GND − 100 mV and VDD + 30 mV. Absolute voltages of
GND − 200 mV can be accommodated on the AD7705 at 25°C
without any degradation in performance, but with significantly
increased leakage at elevated temperatures.
VCELL 1
RSENSE
AIN1(+)
AIN1(–)
AIN2(+)
AIN2(–)
REF IN(–)
AD7705
VDD
REF IN(+)
1.225V
REF
VOLTAGE
REGULATORS
VCELL 2
VCELL 3
VCELL 4
VDIFF1
VDIFF2
VDIFF3
VDIFF4
DC BATTERY
CHARGING
SOURCE
LOAD
ON/OFF SWITCH
5V
3V
GND
4-TO-1
DIFFERENTIAL
MULTIPLEXER
Figure 29. Battery Monitoring Using the AD7705



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com