Electronic Components Datasheet Search
  English  ▼

X  

AD7705 Datasheet(PDF) 43 Page - Analog Devices

Part # AD7705
Description  3 V/5 V, 1 mW, 2-/3-Channel, 16-Bit, Sigma-Delta ADCs
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7705 Datasheet(HTML) 43 Page - Analog Devices

Back Button AD7705 Datasheet HTML 36Page - Analog Devices AD7705 Datasheet HTML 37Page - Analog Devices AD7705 Datasheet HTML 38Page - Analog Devices AD7705 Datasheet HTML 39Page - Analog Devices AD7705 Datasheet HTML 40Page - Analog Devices AD7705 Datasheet HTML 41Page - Analog Devices AD7705 Datasheet HTML 42Page - Analog Devices AD7705 Datasheet HTML 43Page - Analog Devices AD7705 Datasheet HTML 44Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 43 / 44 page
background image
AD7705/AD7706
Rev. C | Page 43 of 44
ORDERING GUIDE
Model
Temperature Range
Package Description
Package Option
AD7705BN
−40°C to +85°C
16-Lead PDIP
N-16
AD7705BNZ1
−40°C to +85°C
16-Lead PDIP
N-16
AD7705BR
−40°C to +85°C
16-Lead SOIC_W
RW-16
AD7705BR-REEL
−40°C to +85°C
16-Lead SOIC_W
RW-16
AD7705BR-REEL7
−40°C to +85°C
16-Lead SOIC_W
RW-16
AD7705BRZ1
−40°C to +85°C
16-Lead SOIC_W
RW-16
AD7705BRZ-REEL1
−40°C to +85°C
16-Lead SOIC_W
RW-16
AD7705BRZ-REEL71
−40°C to +85°C
16-Lead SOIC_W
RW-16
AD7705BRU
−40°C to +85°C
16-Lead TSSOP
RU-16
AD7705BRU-REEL
−40°C to +85°C
16-Lead TSSOP
RU-16
AD7705BRU-REEL7
−40°C to +85°C
16-Lead TSSOP
RU-16
AD7705BRUZ1
−40°C to +85°C
16-Lead TSSOP
RU-16
AD7705BRUZ-REEL1
−40°C to +85°C
16-Lead TSSOP
RU-16
AD7705BRUZ-REEL71
−40°C to +85°C
16-Lead TSSOP
RU-16
AD7706BN
−40°C to +85°C
16-Lead PDIP
N-16
AD7706BNZ1
−40°C to +85°C
16-Lead PDIP
N-16
AD7706BR
−40°C to +85°C
16-Lead SOIC_W
RW-16
AD7706BR-REEL
−40°C to +85°C
16-Lead SOIC_W
RW-16
AD7706BR-REEL7
−40°C to +85°C
16-Lead SOIC_W
RW-16
AD7706BRZ1
−40°C to +85°C
16-Lead SOIC_W
RW-16
AD7706BRZ-REEL1
−40°C to +85°C
16-Lead SOIC_W
RW-16
AD7706BRZ-REEL71
−40°C to +85°C
16-Lead SOIC_W
RW-16
AD7706BRU
−40°C to +85°C
16-Lead TSSOP
RU-16
AD7706BRU-REEL
−40°C to +85°C
16-Lead TSSOP
RU-16
AD7706BRU-REEL7
−40°C to +85°C
16-Lead TSSOP
RU-16
AD7706BRUZ1
−40°C to +85°C
16-Lead TSSOP
RU-16
AD7706BRUZ-REEL1
−40°C to +85°C
16-Lead TSSOP
RU-16
AD7706BRUZ-REEL71
−40°C to +85°C
16-Lead TSSOP
RU-16
EVAL-AD7705EB
Evaluation Board
EVAL-AD7706EB
Evaluation Board
1 Z = Pb-free part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com