Electronic Components Datasheet Search
  English  ▼

X  

AD7705 Datasheet(PDF) 11 Page - Analog Devices

Part # AD7705
Description  3 V/5 V, 1 mW, 2-/3-Channel, 16-Bit, Sigma-Delta ADCs
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7705 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD7705 Datasheet HTML 7Page - Analog Devices AD7705 Datasheet HTML 8Page - Analog Devices AD7705 Datasheet HTML 9Page - Analog Devices AD7705 Datasheet HTML 10Page - Analog Devices AD7705 Datasheet HTML 11Page - Analog Devices AD7705 Datasheet HTML 12Page - Analog Devices AD7705 Datasheet HTML 13Page - Analog Devices AD7705 Datasheet HTML 14Page - Analog Devices AD7705 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 44 page
background image
AD7705/AD7706
Rev. C | Page 11 of 44
Mnemonic
Pin No.
AD7705
AD7706
Description
14
DIN
DIN
Serial Data Input. Serial data is written to the input shift register on the part. Data from the input shift
register is transferred to the setup register, clock register, or communication register, depending on
the register selection bits of the communication register.
15
VDD
VDD
Supply Voltage. 2.7 V to 5.25 V operation.
16
GND
GND
Ground Reference Point for the AD7705/AD7706 Internal Circuitry.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com