Electronic Components Datasheet Search
  English  ▼

X  

AD9432 Datasheet(PDF) 6 Page - Analog Devices

Part # AD9432
Description  12-Bit, 80 MSPS/105 MSPS ADC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9432 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD9432_09 Datasheet HTML 2Page - Analog Devices AD9432_09 Datasheet HTML 3Page - Analog Devices AD9432_09 Datasheet HTML 4Page - Analog Devices AD9432_09 Datasheet HTML 5Page - Analog Devices AD9432_09 Datasheet HTML 6Page - Analog Devices AD9432_09 Datasheet HTML 7Page - Analog Devices AD9432_09 Datasheet HTML 8Page - Analog Devices AD9432_09 Datasheet HTML 9Page - Analog Devices AD9432_09 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
AD9432
Rev. F | Page 6 of 16
ABSOLUTE MAXIMUM RATINGS
THERMAL CHARACTERISTICS
Table 2.
Parameter
Rating
VDD
6 V
VCC
6 V
Analog Inputs
−0.5 V to VCC + 0.5 V
Digital Inputs
−0.5 V to VDD + 0.5 V
VREFIN
−0.5 V to VCC + 0.5 V
Digital Output Current
20 mA
Operating Temperature Range
−55°C to +125°C
Storage Temperature Range
−65°C to +150°C
Maximum Junction Temperature
150°C
Maximum Case Temperature
150°C
Table 3 lists AD9432 thermal characteristics for simulated typical
performance in a 4-layer JEDEC board, horizontal orientation.
Table 3. Thermal Resistance
Package Type
θJA
θJMA
θJC
Unit
52-Lead LQFP (ST-52)
No Airflow
50
°C/W
52-Lead TQFP_EP (SV-52-2)1
2
°C/W
No Airflow
19.3
°C/W
1.0 m/s Airflow
16
°C/W
1 Bottom of package (soldered exposed pad).
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
ESD CAUTION
EXPLANATION OF TEST LEVELS
I
100% production tested.
II
100% production tested at 25°C and sample tested at
specified temperatures.
III Sample tested only.
IV Parameter is guaranteed by design and characterization
testing.
V
Parameter is a typical value only.
VI 100% production tested at 25°C; guaranteed by design and
characterization testing for industrial temperature range.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com