Electronic Components Datasheet Search
  English  ▼

X  

AD9432 Datasheet(PDF) 12 Page - Analog Devices

Part # AD9432
Description  12-Bit, 80 MSPS/105 MSPS ADC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9432 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD9432_09 Datasheet HTML 8Page - Analog Devices AD9432_09 Datasheet HTML 9Page - Analog Devices AD9432_09 Datasheet HTML 10Page - Analog Devices AD9432_09 Datasheet HTML 11Page - Analog Devices AD9432_09 Datasheet HTML 12Page - Analog Devices AD9432_09 Datasheet HTML 13Page - Analog Devices AD9432_09 Datasheet HTML 14Page - Analog Devices AD9432_09 Datasheet HTML 15Page - Analog Devices AD9432_09 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
AD9432
Rev. F | Page 12 of 16
EQUIVALENT CIRCUITS
VCC
VREFIN
Figure 21. Voltage Reference Input Circuit
VCC
VREFOUT
Figure 22. Voltage Reference Output Circuit
100Ω
100Ω
8kΩ
8kΩ
17kΩ
17kΩ
VCC
ENCODE
ENCODE
Figure 23. Encode Input Circuit
VDD
Dx
Figure 24. Digital Output Circuit
5kΩ
7kΩ
5kΩ
7kΩ
VCC
AIN
AIN
Figure 25. Analog Input Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com