Electronic Components Datasheet Search
  English  ▼

X  

AD9432 Datasheet(PDF) 7 Page - Analog Devices

Part # AD9432
Description  12-Bit, 80 MSPS/105 MSPS ADC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9432 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD9432_09 Datasheet HTML 3Page - Analog Devices AD9432_09 Datasheet HTML 4Page - Analog Devices AD9432_09 Datasheet HTML 5Page - Analog Devices AD9432_09 Datasheet HTML 6Page - Analog Devices AD9432_09 Datasheet HTML 7Page - Analog Devices AD9432_09 Datasheet HTML 8Page - Analog Devices AD9432_09 Datasheet HTML 9Page - Analog Devices AD9432_09 Datasheet HTML 10Page - Analog Devices AD9432_09 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
AD9432
Rev. F | Page 7 of 16
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
52 51
50 49 48 47 46 45 44 43 42 41 40
38
GND
37
VCC
36
VCC
33
GND
34
GND
35
GND
39
GND
32
VDD
31
DGND
30
D0 (LSB)
28
D2
27
D3
29
D1
2
VCC
3
GND
4
GND
7
ENCODE
6
VCC
5
VCC
1
GND
8
ENCODE
9
GND
10
VCC
12
DGND
13
VDD
11
GND
NOTES
1. DNC = DO NOT CONNECT.
14
15 16 17 18 19 20
21 22 23 24 25 26
PIN 1
AD9432
TOP VIEW
(Not to Scale)
PIN 1
AD9432
TOP VIEW
(Not to Scale)
1
GND
2
VCC
3
GND
4
GND
5
VCC
6
VCC
7
ENCODE
8
ENCODE
9
GND
10
VCC
11
GND
12
DGND
13
VDD
14 15
16 17
18 19
20 21
22 23 24 25 26
40
41
42
43
44
45
46
47
48
49
50
51
52
27
D3
28
D2
29
D1
30
D0 (LSB)
31
DGND
32
VDD
33
GND
34
GND
35
GND
36
VCC
37
VCC
38
GND
39
GND
NOTES
1. ALTHOUGH NOT REQUIRED IN ALL APPLICATIONS, THE EXPOSED PADDLE
ON THE UNDERSIDE OF THE PACKAGE SHOULD BE SOLDERED TO THE
GROUND PLANE. SOLDERING THE EXPOSED PADDLE TO THE PCB
INCREASES THE RELIABILITY OF THE SOLDER JOINTS, MAXIMIZING
THE THERMAL CAPABILITY OF THE PACKAGE.
Figure 3. Pin Configuration, LQFP
Figure 4. Pin Configuration, TQFP_EP
Table 4. Pin Function Descriptions
Pin No.
Mnemonic
Description
1, 3, 4, 9, 11, 33,
34, 35, 38, 39, 40,
43, 48, 51
GND
Analog Ground.
2, 5, 6, 10, 36, 37,
42, 44, 47, 52
VCC
Analog Supply (5 V).
7
ENCODE
Encode Clock for ADC, Complementary.
8
ENCODE
Encode Clock for ADC, True. ADC samples on rising edge of ENCODE.
12, 21, 24, 31
DGND
Digital Output Ground.
13, 22, 23, 32
VDD
Digital Output Power Supply (2.7 V to 3.6 V).
14
OR
Out-of-Range Output.
15 to 20, 25 to 30
D11 to D6, D5 to D0
Digital Output.
41
DNC
Do Not Connect.
45
VREFIN
Reference Input for ADC (2.5 V Typical). Bypass with 0.1 μF capacitor to ground.
46
VREFOUT
Internal Reference Output (2.5 V Typical).
49
AIN
Analog Input, True.
50
AIN
Analog Input, Complementary.
Exposed Pad
(TQFP_EP)
Although not required in all applications, the exposed paddle on the underside of the TQFP_EP
package should be soldered to the ground plane. Soldering the exposed paddle to the PCB
increases the reliability of the solder joints, maximizing the thermal capability of the package.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com