Electronic Components Datasheet Search
  English  ▼

X  

AD9432 Datasheet(PDF) 1 Page - Analog Devices

Part # AD9432
Description  12-Bit, 80 MSPS/105 MSPS ADC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9432 Datasheet(HTML) 1 Page - Analog Devices

  AD9432_09 Datasheet HTML 1Page - Analog Devices AD9432_09 Datasheet HTML 2Page - Analog Devices AD9432_09 Datasheet HTML 3Page - Analog Devices AD9432_09 Datasheet HTML 4Page - Analog Devices AD9432_09 Datasheet HTML 5Page - Analog Devices AD9432_09 Datasheet HTML 6Page - Analog Devices AD9432_09 Datasheet HTML 7Page - Analog Devices AD9432_09 Datasheet HTML 8Page - Analog Devices AD9432_09 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
12-Bit, 80 MSPS/105 MSPS ADC
AD9432
Rev. F
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2002–2009 Analog Devices, Inc. All rights reserved.
FEATURES
On-chip reference and track-and-hold
On-chip input buffer
Power dissipation: 850 mW typical at 105 MSPS
500 MHz analog bandwidth
SNR: 67 dB @ 49 MHz AIN at 105 MSPS
SFDR: 80 dB @ 49 MHz AIN at 105 MSPS
2.0 V p-p analog input range
5.0 V supply operation
3.3 V CMOS/TTL outputs
Twos complement output format
APPLICATIONS
Communications
Base stations and zero-IF subsystems
Wireless local loop (WLL)
Local multipoint distribution service (LMDS)
HDTV broadcast cameras and film scanners
GENERAL INTRODUCTION
The AD9432 is a 12-bit, monolithic sampling analog-to-digital
converter (ADC) with an on-chip track-and-hold circuit and is
optimized for high speed conversion and ease of use. The prod-
uct operates up to a 105 MSPS conversion rate with outstanding
dynamic performance over its full operating range.
The ADC requires only a single 5.0 V power supply and a 105 MHz
encode clock for full performance operation. No external refer-
ence or driver components are required for many applications.
The digital outputs are TTL-/CMOS-compatible, and a separate
output power supply pin supports interfacing with 3.3 V logic.
The encode input supports either differential or single-ended
mode and is TTL-/CMOS-compatible.
Fabricated on an advanced BiCMOS process, the AD9432 is
available in a 52-lead low profile quad flat package (LQFP) and
in a 52-lead thin quad flat package (TQFP_EP). The AD9432 is
specified over the industrial temperature range of −40°C to +85°C.
FUNCTIONAL BLOCK DIAGRAM
12
12
T/H
BUF
PIPELINE
ADC
REF
TIMING
OUTPUT
STAGING
AD9432
VCC
VDD
GND
VREFOUT
VREFIN
D11 TO D0
OR
ENCODE
ENCODE
AIN
AIN
Figure 1.


Similar Part No. - AD9432_09

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9432/PCB AD-AD9432/PCB Datasheet
498Kb / 20P
12-Bit, 80 MSPS/105 MSPS A/D Converter
1/02-REV.E
AD9432/PCB AD-AD9432/PCB Datasheet
504Kb / 20P
12-Bit, 80 MSPS/105 MSPS A/D Converter
Rev. E
AD9432BSQ-105 AD-AD9432BSQ-105 Datasheet
498Kb / 20P
12-Bit, 80 MSPS/105 MSPS A/D Converter
1/02-REV.E
AD9432BSQ-105 AD-AD9432BSQ-105 Datasheet
504Kb / 20P
12-Bit, 80 MSPS/105 MSPS A/D Converter
Rev. E
AD9432BSQ-80 AD-AD9432BSQ-80 Datasheet
498Kb / 20P
12-Bit, 80 MSPS/105 MSPS A/D Converter
1/02-REV.E
More results

Similar Description - AD9432_09

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9460 AD-AD9460 Datasheet
1Mb / 32P
16-Bit, 80 MSPS/105 MSPS ADC
7/06-Revision 0
logo
NXP Semiconductors
ADC1213D NXP-ADC1213D Datasheet
295Kb / 41P
Dual 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps
Rev. 05-23 April 2010
ADC1213D_1106 NXP-ADC1213D_1106 Datasheet
661Kb / 42P
Dual 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps serial JESD204A interface
Rev. 7-9 June 2011
logo
Analog Devices
AD9633 AD-AD9633 Datasheet
1Mb / 40P
Quad, 12-Bit, 80 MSPS/105 MSPS
REV. 0
AD9432BSQZ-80 AD-AD9432BSQZ-80 Datasheet
517Kb / 16P
12-Bit, 80 MSPS/105 MSPS ADC
Rev. E
AD9432 AD-AD9432_15 Datasheet
517Kb / 16P
12-Bit, 80 MSPS/105 MSPS ADC
Rev. F
AD9460 AD-AD9460_15 Datasheet
1Mb / 32P
16-Bit, 80 MSPS/105 MSPS ADC
REV. 0
AD9627 AD-AD9627_15 Datasheet
2Mb / 76P
12-Bit, 80 MSPS/105 MSPS/125 MSPS/150 MSPS
REV. B
AD9460 AD-AD9460_17 Datasheet
1Mb / 33P
16-Bit, 80 MSPS/105 MSPS ADC
Rev. 0
AD9432 AD-AD9432_17 Datasheet
441Kb / 17P
12-Bit, 80 MSPS/105 MSPS ADC
Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com