Electronic Components Datasheet Search
  English  ▼

X  

HT24LC256 Datasheet(PDF) 5 Page - Holtek Semiconductor Inc

Part # HT24LC256
Description  CMOS 256K 2-Wire Serial EEPROM
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT24LC256 Datasheet(HTML) 5 Page - Holtek Semiconductor Inc

  HT24LC256 Datasheet HTML 1Page - Holtek Semiconductor Inc HT24LC256 Datasheet HTML 2Page - Holtek Semiconductor Inc HT24LC256 Datasheet HTML 3Page - Holtek Semiconductor Inc HT24LC256 Datasheet HTML 4Page - Holtek Semiconductor Inc HT24LC256 Datasheet HTML 5Page - Holtek Semiconductor Inc HT24LC256 Datasheet HTML 6Page - Holtek Semiconductor Inc HT24LC256 Datasheet HTML 7Page - Holtek Semiconductor Inc HT24LC256 Datasheet HTML 8Page - Holtek Semiconductor Inc HT24LC256 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Rev. 1.00
5
January 29, 2013
HT24LC256
Read Operations
The HT24LC256 device supports three read
operations,namely,currentaddressread,random
address read and sequential read. During read
operationexecution,theread/writeselectbitshould
besetto“1”.
• Currentaddressread
Theinternaldatawordaddresscountermaintains
thelastaddressaccessedduringthelastreador
writeoperation,incrementedbyone.Thisaddress
remainsvalidbetweenoperationsaslongasthe
chippowerismaintained.Theaddresswillroll
overduringareadfromthelastbyteofthelast
memorypagetothefirstbyteofthefirstpage.
Theaddresswillrolloverduringawritefrom
thelastbyteofthecurrentpagetothefirstbyte
ofthesamepage.Oncethedeviceaddresswith
theread/writeselectbitsettooneisclockedin
andacknowledgedbytheEEPROM,thecurrent
addressdatawordisseriallyclockedout.The
microcontrollerdoesnotrespondwithaninput
zerobutgeneratesafollowingstopcondition(refer
toCurrentreadtiming).
A2A1 A0
De vi ce add re ss
Da ta
SD A Li ne
Current Address Read Timing
• Randomread
A random read requires a dummy byte write
sequencetoloadinthedatawordaddresswhich
is then clocked in and acknowledged by the
EEPROM.Themicrocontrollermustthengenerate
another start condition.The microcontroller
nowinitiatesacurrentaddressreadbysending
adeviceaddresswiththeread/writeselectbit
high.TheEEPROMacknowledgesthedevice
addressandseriallyclocksoutthedataword.The
microcontrollershouldrespondwitha“noACK”
signal(high)followedbyastopcondition(referto
Randomreadtiming).
• Sequentialread
Sequentialreadsareinitiatedbyeitheracurrent
addressreadorarandomaddressread.Afterthe
microcontrollerreceivesadataword,itresponds
withanacknowledgment.AslongastheEEPROM
receivesanacknowledgment,itwillcontinueto
incrementthedatawordaddressandseriallyclock
outsequentialdatawords.Whenthememory
addresslimitisreached,thedatawordaddresswill
rolloverandthesequentialreadcontinues.The
sequentialreadoperationisterminatedwhenthe
microcontrollerdoesnotrespondwithazerobut
generatesafollowingstopcondition.
De vi ce A ddr es s
1s t, 2nd W or d
Ad dr es s (n )
SD A Li ne
A2 A1 A0
A2 A1 A0
De vi ce A ddr es s
Da ta ( n)
Du mmy W ri te
No te : *= D on 't c ar e bi ts
Random Read Timing
SD A Li ne
Da ta ( n+ x)
Da ta ( n+ 2)
Da ta ( n+ 1)
Da ta ( n)
De vi ce
A ddr es s
Sequential Read Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com