Electronic Components Datasheet Search
  English  ▼

X  

HT24LC256 Datasheet(PDF) 8 Page - Holtek Semiconductor Inc

Part # HT24LC256
Description  CMOS 256K 2-Wire Serial EEPROM
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT24LC256 Datasheet(HTML) 8 Page - Holtek Semiconductor Inc

Back Button HT24LC256 Datasheet HTML 4Page - Holtek Semiconductor Inc HT24LC256 Datasheet HTML 5Page - Holtek Semiconductor Inc HT24LC256 Datasheet HTML 6Page - Holtek Semiconductor Inc HT24LC256 Datasheet HTML 7Page - Holtek Semiconductor Inc HT24LC256 Datasheet HTML 8Page - Holtek Semiconductor Inc HT24LC256 Datasheet HTML 9Page - Holtek Semiconductor Inc HT24LC256 Datasheet HTML 10Page - Holtek Semiconductor Inc HT24LC256 Datasheet HTML 11Page - Holtek Semiconductor Inc HT24LC256 Datasheet HTML 12Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Rev. 1.00
8
January 29, 2013
HT24LC256
8-pin SOP (150mil) Outline Dimensions
,
.
+
/
0
=
-
&

)
*
+
"
#
MS-012
Symbol
Dimensions in inch
Min.
Nom.
Max.
A
0.228
―
0.244
B
0.150
―
0.157
C
0.012
―
0.020
C'
0.188
―
0.197
D
―
―
0.069
E
―
0.050
―
F
0.004
―
0.010
G
0.016
―
0.050
H
0.007
―
0.010
α
0°
―
8°
Symbol
Dimensions in mm
Min.
Nom.
Max.
A
5.79
―
6.20
B
3.81
―
3.99
C
0.30
―
0.51
C'
4.78
―
5.00
D
―
―
1.75
E
―
1.27
―
F
0.10
―
0.25
G
0.41
―
1.27
H
0.18
―
0.25
α
0°
―
8°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com