Electronic Components Datasheet Search
  English  ▼

X  

HT24LC256 Datasheet(PDF) 1 Page - Holtek Semiconductor Inc

Part # HT24LC256
Description  CMOS 256K 2-Wire Serial EEPROM
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT24LC256 Datasheet(HTML) 1 Page - Holtek Semiconductor Inc

  HT24LC256 Datasheet HTML 1Page - Holtek Semiconductor Inc HT24LC256 Datasheet HTML 2Page - Holtek Semiconductor Inc HT24LC256 Datasheet HTML 3Page - Holtek Semiconductor Inc HT24LC256 Datasheet HTML 4Page - Holtek Semiconductor Inc HT24LC256 Datasheet HTML 5Page - Holtek Semiconductor Inc HT24LC256 Datasheet HTML 6Page - Holtek Semiconductor Inc HT24LC256 Datasheet HTML 7Page - Holtek Semiconductor Inc HT24LC256 Datasheet HTML 8Page - Holtek Semiconductor Inc HT24LC256 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Rev. 1.00
1
January 29, 2013
Rev. 1.00
PB
January 29, 2013
HT24LC256
CMOS 256K 2-Wire Serial EEPROM
Features
• Operatingvoltage:
2.2V~5.5VforTa=-40˚Cto+85˚C
• MemoryCapacity:256K(32K×8)
• 2-wireI2Cserialinterface
• Writecycletime:5msmax.
• Automaticerase-before-writeoperation
• Partialpagewriteallowed
• 64-bytePagewritemodes
• Writeoperationwithbuilt-intimer
• Hardwarecontrolledwriteprotection
• 40-yeardataretention
• 106erase/writecyclesperword
• 8-pinDIP/SOP/TSSOPpackage
Description
TheHT24LC256deviceisa256K-bit2-wireserial
read/writenon-volatilememorydevicemanufactured
usingaCMOSfloatinggateprocess.Its256Kbitsof
memoryareorganizedinto32Kwordsandeachword
is8bits.Thedeviceisoptimizedforuseinmany
industrialandcommercialapplicationswherelow
powerandlowvoltageoperationareessential.Upto
eightHT24LC256devicesmaybeconnectedtothe
sametwo-wirebus.TheHT24LC256isguaranteed
for1Merase/writecyclesand40-yeardataretention.
Block Diagram
I/ O
Co nt ro l
Logi c
Me mo ry
Co nt ro l
Logi c
SC L
SD A
A ddr es s
Co un te r
A0 ~A 2
VS S
X
D
E
C
EEPR OM
Ar ra y
Pa ge Bu ff er
YD EC
Se ns e AM P
R/ W C ont ro l
HV P um p
WP
VC C
Pin Assignment
1
2
3
4
8
7
6
5
HT 24 LC 25 6
8 DI P- A/ SO P- A
A0
A1
A2
VS S
VC C
WP
SC L
SD A
HT24LC256
8 DIP-A/SOP-A/TSSOP-A
Pin Description
Pin Name
Type
Description
A0~A2
I
Address inputs
SDA
I/O
Serial data
SCL
I
Serial clock input
WP
I
Write protect
VSS
PWR Negative power supply, ground
VCC
PWR Positive power supply


Similar Part No. - HT24LC256

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT24LC256 HOLTEK-HT24LC256_15 Datasheet
1Mb / 12P
CMOS 256K 2-Wire Serial EEPROM
March 12, 2015
More results

Similar Description - HT24LC256

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
24AA256 MICROCHIP-24AA256 Datasheet
181Kb / 12P
256K I 2 C CMOS Serial EEPROM
1998
logo
Seiko Instruments Inc
S24C01A SII-S24C01A Datasheet
278Kb / 23P
CMOS 2-WIRE SERIAL EEPROM
logo
Integrated Silicon Solu...
IS24C128A ISSI-IS24C128A Datasheet
125Kb / 17P
128K-bit/ 256K-bit 2-WIRE SERIAL CMOS EEPROM
IS24L128 ISSI-IS24L128 Datasheet
117Kb / 15P
128K-bit/ 256K-bit 2-WIRE SERIAL CMOS EEPROM
logo
Microchip Technology
24FC256ISN MICROCHIP-24FC256ISN Datasheet
1Mb / 42P
256K I2C??CMOS Serial EEPROM
1998-2013
24LC256ISN MICROCHIP-24LC256ISN Datasheet
1Mb / 42P
256K I2C??CMOS Serial EEPROM
1998-2013
24LC256TISM MICROCHIP-24LC256TISM Datasheet
1Mb / 42P
256K I2C??CMOS Serial EEPROM
1998-2013
24AA256-I MICROCHIP-24AA256-I Datasheet
700Kb / 34P
256K I2C CMOS Serial EEPROM
01/05/10
logo
Holtek Semiconductor In...
HT24LC256 HOLTEK-HT24LC256_15 Datasheet
1Mb / 12P
CMOS 256K 2-Wire Serial EEPROM
March 12, 2015
logo
E-CMOS Corporation
EC24C128A E-CMOS-EC24C128A Datasheet
583Kb / 16P
128K/256K-bit 2-WIRE SERIAL CMOS EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com