Electronic Components Datasheet Search
  English  ▼

X  

HT24LC256 Datasheet(PDF) 9 Page - Holtek Semiconductor Inc

Part # HT24LC256
Description  CMOS 256K 2-Wire Serial EEPROM
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT24LC256 Datasheet(HTML) 9 Page - Holtek Semiconductor Inc

Back Button HT24LC256 Datasheet HTML 4Page - Holtek Semiconductor Inc HT24LC256 Datasheet HTML 5Page - Holtek Semiconductor Inc HT24LC256 Datasheet HTML 6Page - Holtek Semiconductor Inc HT24LC256 Datasheet HTML 7Page - Holtek Semiconductor Inc HT24LC256 Datasheet HTML 8Page - Holtek Semiconductor Inc HT24LC256 Datasheet HTML 9Page - Holtek Semiconductor Inc HT24LC256 Datasheet HTML 10Page - Holtek Semiconductor Inc HT24LC256 Datasheet HTML 11Page - Holtek Semiconductor Inc HT24LC256 Datasheet HTML 12Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Rev. 1.00
9
January 29, 2013
HT24LC256
8-pin TSSOP Outline Dimensions
A1
A
L
E1
e
B
A2
y
R 0. 10
( 4 CO RN ER S )
E
L1
C
G
D
1
4
5
8
Symbol
Dimensions in inch
Min.
Nom.
Max.
A
0.041
―
0.047
A1
0.002
―
0.006
A2
0.031
―
0.041
B
―
0.010
―
C
0.004
―
0.006
D
0.114
―
0.122
E
0.244
―
0.260
E1
0.169
―
0.177
e
―
0.026
―
L
0.020
―
0.028
L1
0.035
―
0.043
y
―
―
0.004
θ
0°
―
8°
Symbol
Dimensions in mm
Min.
Nom.
Max.
A
1.05
―
1.20
A1
0.05
―
0.15
A2
0.80
―
1.05
B
―
0.25
―
C
0.11
―
0.15
D
2.90
―
3.10
E
6.20
―
6.60
E1
4.30
―
4.50
e
―
0.65
―
L
0.50
―
0.70
L1
0.90
―
1.10
y
―
―
0.10
θ
0°
―
8°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com