Electronic Components Datasheet Search
  English  ▼

X  

68010 Datasheet(PDF) 3 Page - Tyco Electronics

Part # 68010
Description  Crimping Die Assemblies for COPALUM Sealed Terminals and Splices
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

68010 Datasheet(HTML) 3 Page - Tyco Electronics

  68010 Datasheet HTML 1Page - Tyco Electronics 68010 Datasheet HTML 2Page - Tyco Electronics 68010 Datasheet HTML 3Page - Tyco Electronics 68010 Datasheet HTML 4Page - Tyco Electronics 68010 Datasheet HTML 5Page - Tyco Electronics 68010 Datasheet HTML 6Page - Tyco Electronics 68010 Datasheet HTML 7Page - Tyco Electronics 68010 Datasheet HTML 8Page - Tyco Electronics 68010 Datasheet HTML 9Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
408-2281
Crimping Die Assemblies for COPALUM Sealed Terminals and Splices
3 of 9
Rev W
Tyco Electronics Corporation
TERMINALS AND SPLICES FOR USE WITH BOEING BMS13-78 WIRE
TERMINALS(RT)
BUTT
SPLICES
ALUMINUM
WIRE
COPPER WIRE{
STRIP LENGTH
DIE
HEAD
SINGLE
HOLE
DOUBLE
HOLE
SPLICES
(BS)
mm2
(CMA)F
AWG
Y
mm2
(CMA)F
AWG
J
DIM. A
(Insulation)
DIM. D
(Conductor)
ASSEMBLY
HEAD
696866-[ ]
696804-[ ] 696852-[ ]
8.60
(16,564)
8
4.80
(9,354)
-10
11.11
[7/16]
68006
696869-[ ]
696999-[ ]
696887-[ ]
696951-[ ]
696953-[ ]
696847-[ ]
14.60
(28,280)
6
8.80
(16,983)
8
12.70
[1/2]
68007
0058422-1
0069066 0
696872-[ ]
696834-[ ] 696854-[ ]
21.90
(42,420)
4
13.80
(26,818)
6
15.88
[5/8]
68008
68008-1
0069066-0
1752787-1
1752877-1
696838-[ ]
696890-[ ] 696857-[ ]
35.00
(67,872)
2
22.00
(42,615)
4
19.10
[3/4]
68009
1752877 1
696875-[ ]
696830-[ ]
696957-[ ]
696959-[ ]
696843-[ ]
55.50
(107,464)
1/0
34.30
(66,500)
2
20.57
[.810]
68010-2
696878-[]
696840 [ ] 696861 [ ]
71.30
2/0
53.90
1/0
25.40
68011 1
[]
696819-[ ]z 696840-[] 696861-[] (138,168)
2/0
(104,500)
1/0
[1]
68011-1
696881-[ ]
696821-[ ]z
696825-[ ]
696961-[ ]
696963-[ ]
696863-[ ]
87.20
(168,872)
3/0
68.60
(133,000)
2/0
25.40
[1]
59877-1
0058422-1
1752787-1
696884-[ ]
696823-[ ]z 696893-[ ] 696849-[ ]
110.94
(214,928)
4/0
85.94
(166,500)
3/0
25.40
[1]
314948-1
TERMINALSFOR USE WITH NEXANSALUMINUM WIRE
TERMINALS(RT)
ALUMINUM WIRE
STRIP LENGTH
3/8 STUD
3/8 STUD
DOUBLE
HOLE
3/8 STUD,
15° BEND
mm2 (CMA)
F
AWG
Y
DIM. A
(Insulation)
DIM. D
(Insulation)
DIE
ASSEMBLY
HEAD
1958058 1
1958080 1 1958060 1 71 30 (138 168)
2/0
25 40 [1]
1976441 1
1958058-1
1958080-1 1958060-1 71.30 (138,168)
2/0
25.40 [1]
1976441-1
0058422 1
1958091-1
1958093-1 87.20 (168,872)
3/0
25.40 [1]
1976442-1 0058422-1
1752787-1
1958054-1
1958078-1 1958056-1 110.94 (214,928)
4/0
25.40 [1]
1976443-1
1752787 1
CRN TERMINALS
STRAIGHT
90° BEND
ALUMINUM
WIRE
COPPER WIRE
STRIP LENGTH
DIE
HEAD
STRAIGHT
90° BEND
mm2
(CMA)F
AWG
Y
mm2
(CMA)F
AWG
J
DIM. A
(Insulation)
DIM. D
(Insulation)
ASSEMBLY
HEAD
696931-[ ]
696933-1
55.50
(107,464)
1/0
34.30
(66,500)
2
32.54
[19/32]
25.40
[1]
68010-2
0058422-1
0069066-0
1752787-1
1752877-1
696925 [ ]
696927 1
71.30
2/0
53.90
1/0
34.93
20.57
68011 1
696925-[]
696927-1
(138,168)
2/0
(104,500)
1/0
[13/8]
[.810]
68011-1
0058422-1
696910-[ ]
696912-1
110.94
(214,928)
4/0
85.94
(166,500)
3/0
33.34
[15/16]
25.40
[1]
314948-1
1752787-1
{ Only Applies to Splices (Not Terminals) F Circular Mill Area
Y See MIL–W–7072 for Specific Wire Requirements
J See MIL–W–22759E for Specific Wire Requirements
z Break Away Terminal
Figure 2 (End)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com