| Electronic Components Datasheet Search |
|
68010 Datasheet(PDF) 4 Page - Tyco Electronics |
|
|
|||||||||||||||||||||||||||||
68010 Datasheet(HTML) 4 Page - Tyco Electronics |
|
4 / 9 page ![]() 408-2281 CrimpingDie Assemblies for COPALUM Sealed Terminals and Splices Rev W 4 of 9 Tyco Electronics Corporation 3. CRIMPING PROCEDURE (Figures 3, 4, and 5) There are two approved methods for crimping the connectors with this hydraulic tool, on both terminals and splices. To avoid personal injury, close the yoke of the hydraulic head and fully insert the pin. When operating the power unit, be careful when handling terminals, splices, or wire near the crimping area of the crimping head. 3.1. Terminals The preferred (first) method is: 1. Insert properly stripped wire fully into terminal. DO NOT turn or twist the wire or terminal during insertion. 2. Position terminal in stationary die (nest) with back of tongue resting against die, with yoke closed and pin inserted. Make certain that the terminal is positioned so that the crimper of the moving die (anvil) will crimp wire barrel of the terminal. See Figure 3. 3. Holding wire in place, and fully inserted (yoke closed and pin fully inserted), activate power unit to complete crimp. Figure 3 Alignment Dots Pin Yoke Terminal Tongue Rests Against Side of Die Crimper of Moving Die (Anvil) Positioned to Crimp Wire Barrel of Terminal (See Figure 5 for Splice) 4. Remove crimped terminal from the die assembly. Refer to Figure 4 on where to grip breakaway terminals when removing them from the die assembly. Figure 4 Grip Terminal Between Die Assembly and BreakAway Terminal Cutout When Removing Terminal from Die Assembly BreakAway Terminal Cutout Crimp Die Assembly If the terminal sticks in the die after crimping, apply a rocking action to remove it from the die. Wipe light oil or use spray dry lubricant on the dies to prevent sticking. The alternate (second) method is: 1. Position terminal in stationary die (nest) with back of tongue resting against die, with yoke closed and pin inserted. Make certain that the terminal is positioned so that the crimper of the moving die (anvil) will crimp the wire barrel of the terminal. See Figure 3. 2. The wire is not inserted into the terminal. Instead, Jog to advance the ram to hold the terminal. This is difficult to do; If the terminal barrel is deformed, the wire may not be inserted properly. 3. Insert properly stripped wire fully into terminal. DO NOT turn or twist the wire or terminal during insertion. 4. Holding wire in place, with yoke closed and pin inserted, activate power unit to complete crimp. 5. Remove crimped terminal from the die assembly. See Figure 4 for information on where to grip break away terminals when removing them from the die assembly. If the terminal sticks in the die after crimping, apply a rocking action to remove it from the die. Wipe light oil or use spray dry lubricant on the dies to prevent sticking. DANGER CAUTION ! NOTE i NOTE i NOTE i CAUTION ! NOTE i |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |