Electronic Components Datasheet Search
  English  ▼

X  

THS1030CPWR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # THS1030CPWR
Description  3-V TO 5.5-V, 10-BIT, 30MSPS CMOS ANALOG-TO-DIGITAL CONVERTER
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS1030CPWR Datasheet(HTML) 4 Page - Texas Instruments

  THS1030CPWR Datasheet HTML 1Page - Texas Instruments THS1030CPWR Datasheet HTML 2Page - Texas Instruments THS1030CPWR Datasheet HTML 3Page - Texas Instruments THS1030CPWR Datasheet HTML 4Page - Texas Instruments THS1030CPWR Datasheet HTML 5Page - Texas Instruments THS1030CPWR Datasheet HTML 6Page - Texas Instruments THS1030CPWR Datasheet HTML 7Page - Texas Instruments THS1030CPWR Datasheet HTML 8Page - Texas Instruments THS1030CPWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 39 page
background image
THS1030
3V TO 5.5V, 10BIT, 30 MSPS
CMOS ANALOGTODIGITAL CONVERTER
SLAS243E − NOVEMBER 1999 − REVISED DECEMBER 2003
4
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
recommended operating conditions (continued)
sampling rate and resolution
PARAMETER
MIN
NOM
MAX
UNIT
fs
Sample frequency
5
30
MSPS
Resolution
10
Bits
electrical characteristics over recommended operating conditions, AVDD = 3 V, DVDD = 3 V, fs = 30
MSPS/50% duty cycle, MODE = AVDD, 2-V input span from 0.5 V to 2.5 V, external reference,
TA = Tmin to Tmax (unless otherwise noted)
analog inputs
PARAMETER
MIN
TYP
MAX
UNIT
VI(AIN)
Analog input voltage
REFBS
REFTS
V
CI
Switched sampling input capacitance
1.2
pF
BW
Full power bandwidth (−3 dB)
150
MHz
Ilkg
DC leakage current (input =
±FS)
60
µA
VREF reference voltages
PARAMETER
MIN
TYP
MAX
UNIT
Internal 1-V reference voltage (REFSENSE = VREF)
0.95
1
1.05
V
Internal 2-V reference voltage (REFSENSE = AGND)
1.90
2
2.10
V
External reference voltage (REFSENSE = AVDD)
1
2
V
Reference input resistance
680
Ω
REFTF, REFBF reference voltages
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Differential input voltage (REFTF − REFBF) (REFSENSE = VREF)
0.9
1
1.1
V
Differential input voltage (REFTF − REFBF) (REFSENSE = AGND)
1.9
2
2.1
V
Input common mode voltage (REFTF + REFBF)/2
AVDD = 3 V
1.3
1.5
1.7
V
Input common mode voltage (REFTF + REFBF)/2
AVDD = 5 V
2
2.5
3
V
VREF = 1 V
AVDD = 3 V
2
V
REFTF voltage (MODE = AVDD)
VREF = 1 V
AVDD = 5 V
3
V
REFTF voltage (MODE = AVDD)
VREF = 2 V
AVDD = 3 V
2.5
V
VREF = 2 V
AVDD = 5 V
3.5
V
VREF = 1 V
AVDD = 3 V
1
V
REFBF voltage (MODE = AVDD)
VREF = 1 V
AVDD = 5 V
2
V
REFBF voltage (MODE = AVDD)
VREF = 2 V
AVDD = 3 V
0.5
V
VREF = 2 V
AVDD = 5 V
1.5
V
Input resistance between REFTF and REFBF
600
Ω
Power up time for valid ADC conversions (tPUconv)
See Note 1
1.2
µs
NOTES:
1. Time from control register STBY pin returning low to the ADC conversion to be accurate within 0.1% of fullscale.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com