Electronic Components Datasheet Search
  English  ▼

X  

TLV5637CD Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TLV5637CD
Description  2.7V TO 5.5V LOW-POWER DUAL 10-BIT DIGITAL-TO-ANALOG CONVERTER WITH INTERNAL REFERENCE AND POWER DOWN
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV5637CD Datasheet(HTML) 3 Page - Texas Instruments

  TLV5637CD Datasheet HTML 1Page - Texas Instruments TLV5637CD Datasheet HTML 2Page - Texas Instruments TLV5637CD Datasheet HTML 3Page - Texas Instruments TLV5637CD Datasheet HTML 4Page - Texas Instruments TLV5637CD Datasheet HTML 5Page - Texas Instruments TLV5637CD Datasheet HTML 6Page - Texas Instruments TLV5637CD Datasheet HTML 7Page - Texas Instruments TLV5637CD Datasheet HTML 8Page - Texas Instruments TLV5637CD Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
www.ti.com
ABSOLUTE MAXIMUM RATINGS
(1)
PACKAGE/ORDERING INFORMATION
RECOMMENDED OPERATING CONDITIONS
TLV5637
SLAS224C – JUNE 1999 – REVISED JUNE 2007
Over operating free-air temperature range (unless otherwise noted).
UNIT
Supply voltage (VDD to AGND)
7V
Reference input voltage range
–0.3 V to VDD + 0.3V
Digital input voltage range
–0.3 V to VDD + 0.3V
Operating free-air temperature range, TA
TLV5637C
0°C to +70°C
TLV5637I
–40°C to +85°C
Storage temperature range, Tstg
–65°C to +150°C
Lead temperature 1,6mm (1/16 inch) from case for 10 seconds
+260°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating
Conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
For the most current package and ordering information, see the Package Option Addendum at the end of this
document, or see the TI website at www.ti.com.
MIN
NOM
MAX
UNIT
VDD = 5 V
4.5
5
5.5
V
Supply voltage, VDD
VDD = 3 V
2.7
3
3.3
V
Power on threshold voltage, POR
0.55
2
V
DVDD = 2.7 V
2
High-level digital input voltage, VIH
V
DVDD = 5.5 V
2.4
DVDD = 2.7 V
0.6
Low-level digital input voltage, VIL
V
DVDD = 5.5 V
1
Reference voltage, Vref to REF terminal
VDD = 5 V (see (1))
AGND
2.048
VDD–1.5
V
Reference voltage, Vref to REF terminal
VDD = 3 V (see (1))
AGND
1.024
VDD–1.5
V
Load resistance, RL
2
k
Ω
Load capacitance, CL
100
pF
Clock frequency, fCLK
20
MHz
TLV5637C
0
+70
Operating free-air temperature, TA
°C
TLV5637I
–40
+85
(1)
Due to the x2 output buffer, a reference input voltage
≥ (V
DD - 0.4V)/2 causes clipping of the transfer function. The output buffer of the
internal reference must be disabled, if an external reference is used.
3
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com