Electronic Components Datasheet Search
  English  ▼

X  

TLV5637CD Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TLV5637CD
Description  2.7V TO 5.5V LOW-POWER DUAL 10-BIT DIGITAL-TO-ANALOG CONVERTER WITH INTERNAL REFERENCE AND POWER DOWN
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV5637CD Datasheet(HTML) 1 Page - Texas Instruments

  TLV5637CD Datasheet HTML 1Page - Texas Instruments TLV5637CD Datasheet HTML 2Page - Texas Instruments TLV5637CD Datasheet HTML 3Page - Texas Instruments TLV5637CD Datasheet HTML 4Page - Texas Instruments TLV5637CD Datasheet HTML 5Page - Texas Instruments TLV5637CD Datasheet HTML 6Page - Texas Instruments TLV5637CD Datasheet HTML 7Page - Texas Instruments TLV5637CD Datasheet HTML 8Page - Texas Instruments TLV5637CD Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
www.ti.com
FEATURES
DESCRIPTION
APPLICATIONS
1
2
3
4
8
7
6
5
DIN
SCLK
CS
OUTA
VDD
OUTB
REF
AGND
D PACKAGE
(TOP VIEW)
TLV5637
SLAS224C – JUNE 1999 – REVISED JUNE 2007
2.7V TO 5.5V LOW-POWER DUAL 10-BIT DIGITAL-TO-ANALOG CONVERTER WITH
INTERNAL REFERENCE AND POWER DOWN
• Dual 10-Bit Voltage Output DAC
The TLV5637 is a dual 10-bit voltage output DAC
with a flexible 3-wire serial interface. The serial
• Programmable Internal Reference
interface allows glueless interface to TMS320 and
• Programmable Settling Time:
SPI™, QSPI™, and Microwire™ serial ports. It is
–
0.8µs in Fast Mode
programmed with a 16-bit serial string containing 2
–
2.8µs in Slow Mode
control and 10 data bits.
• Compatible With TMS320 and SPI™ Serial
The resistor string output voltage is buffered by a x2
Ports
gain rail-to-rail output buffer. The buffer features a
Class AB output stage to improve stability and
• Differential Nonlinearity <0.1LSB Typ
reduce settling time. The programmable settling time
• Monotonic Over Temperature
of the DAC allows the designer to optimize speed
versus
power
dissipation.
With
its
on-chip
programmable
precision
voltage
reference,
the
• Digital Servo Control Loops
TLV5637 simplifies overall system design.
• Digital Offset and Gain Adjustment
Because of its ability to source up to 1mA, the
• Industrial Process Control
reference can also be used as a system reference.
• Machine and Motion Control Devices
Implemented with a CMOS process, the device is
designed for single supply operation from 2.7V to
• Mass Storage Devices
5.5V. It is available in an 8-pin SOIC package to
reduce board space in standard commercial and
industrial temperature ranges.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
SPI, QSPI are trademarks of Motorola, Inc.
Microwire is a trademark of National Semiconductor Corporation.
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 1999–2007, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TLV5637CD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV5637CD TI-TLV5637CD Datasheet
936Kb / 23P
2.7V TO 5.5V LOW-POWER DUAL 10-BIT DIGITAL-TO-ANALOG CONVERTER WITH INTERNAL REFERENCE AND POWER DOWN
TLV5637CD TI2-TLV5637CD Datasheet
467Kb / 24P
2.7V TO 5.5V LOW-POWER DUAL 10-BIT DIGITAL-TO-ANALOG CONVERTER WITH INTERNAL REFERENCE AND POWER DOWN
REVISED JUNE 2007
TLV5637CD.A TI2-TLV5637CD.A Datasheet
467Kb / 24P
2.7V TO 5.5V LOW-POWER DUAL 10-BIT DIGITAL-TO-ANALOG CONVERTER WITH INTERNAL REFERENCE AND POWER DOWN
REVISED JUNE 2007
TLV5637CDR TI-TLV5637CDR Datasheet
936Kb / 23P
2.7V TO 5.5V LOW-POWER DUAL 10-BIT DIGITAL-TO-ANALOG CONVERTER WITH INTERNAL REFERENCE AND POWER DOWN
TLV5637CDR TI2-TLV5637CDR Datasheet
467Kb / 24P
2.7V TO 5.5V LOW-POWER DUAL 10-BIT DIGITAL-TO-ANALOG CONVERTER WITH INTERNAL REFERENCE AND POWER DOWN
REVISED JUNE 2007
More results

Similar Description - TLV5637CD

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV5626 TI-TLV5626 Datasheet
226Kb / 16P
2.7 V TO 5.5 V LOW POWER DUAL 8-BIT DIGITAL-TO-ANALOG CONVERTER WITH INTERNAL REFERENCE AND POWER DOWN
TLV5637 TI-TLV5637 Datasheet
240Kb / 17P
2.7 V TO 5.5 V LOW POWER DUAL 10-BIT DIGITAL-TO-ANALOG CONVERTER WITH INTERNAL REFERENCE AND POWER DOWN
TLV5626CDR TI-TLV5626CDR Datasheet
430Kb / 19P
2.7-V TO 5.5-V LOW-POWER DUAL 8-BIT DIGITAL-TO-ANALOG CONVERTER WITH INTERNAL REFERENCE AND POWER DOWN
TLV5626IDG4 TI-TLV5626IDG4 Datasheet
430Kb / 19P
2.7-V TO 5.5-V LOW-POWER DUAL 8-BIT DIGITAL-TO-ANALOG CONVERTER WITH INTERNAL REFERENCE AND POWER DOWN
TLV5637 TI-TLV5637_15 Datasheet
553Kb / 22P
2.7V TO 5.5V LOW-POWER DUAL 10-BIT DIGITAL-TO-ANALOG CONVERTER WITH INTERNAL REFERENCE AND POWER DOWN
TLV5638 TI-TLV5638_15 Datasheet
636Kb / 24P
2.7-V TO 5.5-V LOW-POWER DUAL 12-BIT DIGITAL-TO-ANALOG CONVERTER WITH INTERNAL REFERENCE AND POWER DOWN
ADS1015-Q1 TI1-ADS1015-Q1_16 Datasheet
1Mb / 38P
Low-Power 12-Bit Analog-to-Digital Converter With Internal Reference
TLV5638 TI1-TLV5638_16 Datasheet
906Kb / 24P
2.7-V TO 5.5-V LOW-POWER DUAL 12-BIT DIGITAL-TO-ANALOG CONVERTER WITH INTERNAL REFERENCE AND POWER DOWN
TLV5638-EP TI1-TLV5638-EP_16 Datasheet
861Kb / 21P
2.7-V TO 5.5V LOW-POWER DUAL 12 BIT DIGITAL-TO-ANALOG CONVERTER WITH INTERNAL REFERENCE AND POWER DOWN
TLV5637 TI-TLV5637_V01 Datasheet
936Kb / 23P
2.7V TO 5.5V LOW-POWER DUAL 10-BIT DIGITAL-TO-ANALOG CONVERTER WITH INTERNAL REFERENCE AND POWER DOWN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com