Electronic Components Datasheet Search
  English  ▼

X  

TLV5637CD Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TLV5637CD
Description  2.7V TO 5.5V LOW-POWER DUAL 10-BIT DIGITAL-TO-ANALOG CONVERTER WITH INTERNAL REFERENCE AND POWER DOWN
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV5637CD Datasheet(HTML) 7 Page - Texas Instruments

Back Button TLV5637CD Datasheet HTML 3Page - Texas Instruments TLV5637CD Datasheet HTML 4Page - Texas Instruments TLV5637CD Datasheet HTML 5Page - Texas Instruments TLV5637CD Datasheet HTML 6Page - Texas Instruments TLV5637CD Datasheet HTML 7Page - Texas Instruments TLV5637CD Datasheet HTML 8Page - Texas Instruments TLV5637CD Datasheet HTML 9Page - Texas Instruments TLV5637CD Datasheet HTML 10Page - Texas Instruments TLV5637CD Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
www.ti.com
TYPICAL CHARACTERISTICS
Fast Mode
Slow Mode
VDD = 5 V
Vref = Int. 2 V
Input Code = 1023 (Both DACs)
2.5
2
1
0.5
–40 –30 –20 –10 0
10 20
3
4
SUPPLY CURRENT
vs
FREE-AIR TEMPERATURE
4.5
30 40 50
90
3.5
1.5
60 70 80
TA – Free-Air Temperature – °C
Fast Mode
Slow Mode
VDD = 3 V
Vref = Int. 1 V
Input Code = 1023 (Both DACs)
2.5
2
1
0.5
–40 –30 –20 –10 0
10 20
3
4
SUPPLY CURRENT
vs
FREE-AIR TEMPERATURE
4.5
30 40 50
90
3.5
1.5
60 70 80
TA – Free-Air Temperature – °C
1.4
1
0.4
0
0
10
20
30
40
2.2
2.4
POWER DOWN SUPPLY CURRENT
vs
TIME
2.6
50
60
70
80
2
1.8
1.6
1.2
0.8
0.6
0.2
t – Time –
µs
2.058
2.054
2.052
2.05
0
0.5
1
1.5
2
2.5
3
2.06
2.062
Source Current – mA
OUTPUT VOLTAGE
vs
LOAD CURRENT
2.064
3.5
4
2.056
Fast Mode
Slow Mode
VDD = 3 V
Vref = Int. 1 V
Input Code = 4095
TLV5637
SLAS224C – JUNE 1999 – REVISED JUNE 2007
Figure 2.
Figure 3.
Figure 4.
Figure 5.
7
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com