Electronic Components Datasheet Search
  English  ▼

X  

TLV5637CD Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TLV5637CD
Description  2.7V TO 5.5V LOW-POWER DUAL 10-BIT DIGITAL-TO-ANALOG CONVERTER WITH INTERNAL REFERENCE AND POWER DOWN
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV5637CD Datasheet(HTML) 9 Page - Texas Instruments

Back Button TLV5637CD Datasheet HTML 5Page - Texas Instruments TLV5637CD Datasheet HTML 6Page - Texas Instruments TLV5637CD Datasheet HTML 7Page - Texas Instruments TLV5637CD Datasheet HTML 8Page - Texas Instruments TLV5637CD Datasheet HTML 9Page - Texas Instruments TLV5637CD Datasheet HTML 10Page - Texas Instruments TLV5637CD Datasheet HTML 11Page - Texas Instruments TLV5637CD Datasheet HTML 12Page - Texas Instruments TLV5637CD Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
www.ti.com
–40
–50
–80
–100
100
1000
–20
–10
f – Frequency – Hz
TOTAL HARMONIC DISTORTION
vs
FREQUENCY
0
10000
100000
–30
–60
–70
–90
Fast Mode
Slow Mode
VDD = 5 V
Vref = 1 V dc + 1 V p/p Sinewave
Output Full Scale
–0.4
–1
0
256
512
0
0.6
Digital Code
INTEGRAL NONLINEARITY ERROR
1
768
1024
0.8
0.4
0.2
–0.2
–0.6
–0.8
–0.1
–0.2
0
256
512
0
0.15
Digital Code
DIFFERENTIAL NONLINEARITY ERROR
0.2
768
1024
0.1
0.05
–0.05
–0.15
TLV5637
SLAS224C – JUNE 1999 – REVISED JUNE 2007
TYPICAL CHARACTERISTICS (continued)
Figure 10.
Figure 11.
Figure 12.
9
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com