Electronic Components Datasheet Search
  English  ▼

X  

ACPL-C780 Datasheet(PDF) 9 Page - AVAGO TECHNOLOGIES LIMITED

Part # ACPL-C780
Description  Miniature Isolation Amplifiers 0.3 mV Input Offset Voltage
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ACPL-C780 Datasheet(HTML) 9 Page - AVAGO TECHNOLOGIES LIMITED

Back Button ACPL-C780 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ACPL-C780 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ACPL-C780 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ACPL-C780 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ACPL-C780 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED ACPL-C780 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED ACPL-C780 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED ACPL-C780 Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED ACPL-C780 Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
9
TA - TEMPERATURE - °C
TA - TEMPERATURE - °C
0.6
0.5
0.3
-25
0.8
35
95
0.2
0.7
-55
0.4
5
65
VDD - SUPPLY VOLTAGE - V
0.37
0.36
0.39
4.75
5.0
0.33
4.5
5.5
5.25
vs. VDD1
vs. VDD2
0.34
0.38
0.35
8.025
8.02
8.015
-35
8.035
25
85
8.01
8.03
-55
5
45
-15
65
Figure 3. Input Offset vs. Supply.
Figure 4. Gain vs. Temperature.
Figure 2. Input Offset Voltage vs. Temperature.
Figure 5. Gain and Nonlinearity Test Circuit.
0.1
µF
VDD2
8
7
6
1
3
ACPL-C78A
ACPL-C780
ACPL-C784
5
2
4
0.01
µF
10 K
10 K
+15 V
0.1
µF
0.1
µF
-15 V
+
–
AD624CD
GAIN = 4
0.47
µF
0.47
µF
VDD1
13.2
404
VIN
VOUT
+15 V
0.1
µF
0.1
µF
-15 V
+
–
AD624CD
GAIN = 10
10 K
0.47
µF
0.1
µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com