Electronic Components Datasheet Search
  English  ▼

X  

ACPL-C780 Datasheet(PDF) 15 Page - AVAGO TECHNOLOGIES LIMITED

Part # ACPL-C780
Description  Miniature Isolation Amplifiers 0.3 mV Input Offset Voltage
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ACPL-C780 Datasheet(HTML) 15 Page - AVAGO TECHNOLOGIES LIMITED

Back Button ACPL-C780 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED ACPL-C780 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED ACPL-C780 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED ACPL-C780 Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED ACPL-C780 Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED ACPL-C780 Datasheet HTML 14Page - AVAGO TECHNOLOGIES LIMITED ACPL-C780 Datasheet HTML 15Page - AVAGO TECHNOLOGIES LIMITED ACPL-C780 Datasheet HTML 16Page - AVAGO TECHNOLOGIES LIMITED ACPL-C780 Datasheet HTML 17Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 15 / 17 page
background image
15
Also, multiple layers of the PC board can be used to
increase current carrying capacity. Numerous plated-
through vias should surround each non-Kelvin terminal of
the sense resistor to help distribute the current between
the layers of the PC board. The PC board should use 2 or
4 oz. copper for the layers, resulting in a current carrying
capacity in excess of 20 A. Making the current carrying
traces on the PC board fairly large can also improve the
sense resistor’s power dissipation capability by acting as a
heat sink. Liberal use of vias where the load current enters
and exits the PC board is also recommended.
Note: Please refer to Avago Technologies Application Note 1078 for
additional information on using Isolation Amplifiers.
Sense Resistor Connections
The recommended method for connecting the
ACPL-C78A/C780/C784 to the current sensing resistor is
shown in Figure 18. VIN+ (pin 2 of the ACPL-C78A/C780/
C784) is connected to the positive terminal of the sense
resistor, while VIN- (pin 3) is shorted to GND1 (pin 4), with
the power-supply return path functioning as the sense
line to the negative terminal of the current sense resistor.
This allows a single pair of wires or PC board traces to
connect the ACPL-C78A/C780/C784 circuit to the sense
resistor. By referencing the input circuit to the negative
side of the sense resistor, any load current induced noise
transients on the resistor are seen as a common-mode
signal and will not interfere with the current-sense signal.
This is important because the large load currents flowing
through the motor drive, along with the parasitic induc-
tances inherent in the wiring of the circuit, can generate
both noise spikes and offsets that are relatively large
compared to the small voltages that are being measured
across the current sensing resistor.
If the same power supply is used both for the gate drive
circuitandforthecurrentsensingcircuit,itisveryimportant
that the connection from GND1 of the ACPL-C78A/C780/
C784 to the sense resistor be the only return path for
supply current to the gate drive power supply in order to
eliminate potential ground loop problems. The only direct
connection between the ACPL-C78A/C780/C784 circuit
and the gate drive circuit should be the positive power
supply line.
Output Side
The op-amp used in the external post-amplifier circuit
should be of sufficiently high precision so that it does not
contribute a significant amount of offset or offset drift
relative to the contribution from the isolation amplifier.
Generally, op-amps with bipolar input stages exhibit
better offset performance than op-amps with JFET or
MOSFET input stages.
In addition, the op-amp should also have enough band-
width and slew rate so that it does not adversely affect the
response speed of the overall circuit. The post-amplifier
circuit includes a pair of capacitors (C5 and C6) that form
a single-pole low-pass filter; these capacitors allow the
bandwidth of the post-amp to be adjusted independently
of the gain and are useful for reducing the output noise
from the isola-tion amplifier. Many different op-amps
could be used in the circuit, including: TL032A, TL052A,
and TLC277 (Texas Instruments), LF412A (National Semi-
conductor).
The gain-setting resistors in the post-amp should have a
tolerance of 1% or better to ensure adequate CMRR and
adequate gain tolerance for the overall circuit. Resistor
networks can be used that have much better ratio toler-
ances than can be achieved using discrete resistors. A
resistor network also reduces the total number of compo-
nents for the circuit as well as the required board space.
Frequently asked questions about the
ACPL-C78A/C780/C784
1. The basics
1.1. Why should I use the ACPL-C78A/C780/C784 for sensing current
when Hall-effect sensors are available which don’t need an
isolated supply voltage?
Available in an auto-insertable, Stretched SO-8
package, the ACPL-C78A/C780/C784 is smaller than
and has better linearity, offset vs. temperature and
Common Mode Rejection (CMR) performance than
most Hall-effect sensors. Additionally, often the
required input-side power supply can be derived
from the same supply that powers the gate-drive
optocoupler.
2. Sense resistor and input filter
2.1. Where do I get 10 m
Ω resistors? I have never seen one that low.
Although less common than values above 10
Ω, there
are quite a few manufacturers of resistors suitable
for measuring currents up to 50 A when combined
with the ACPL-C78A/C780/C784. Example product
information may be found at Vishay's web site
(http://www.vishay.com) and Isotek’s web site
(http://www.isotekcorp.com).
2.2. Should I connect both inputs across the sense resistor instead of
grounding VIN- directly to pin 4?
This is not necessary, but it will work. If you do, be
sure to use an RC filter on both pin 2 (VIN+) and pin 3
(VIN-) to limit the input voltage at both pads.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com