Electronic Components Datasheet Search
  English  ▼

X  

VN808CM Datasheet(PDF) 7 Page - STMicroelectronics

Part # VN808CM
Description  LOW THRESHOLD OCTAL HIGH SIDE DRIVER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN808CM Datasheet(HTML) 7 Page - STMicroelectronics

Back Button VN808CM Datasheet HTML 3Page - STMicroelectronics VN808CM Datasheet HTML 4Page - STMicroelectronics VN808CM Datasheet HTML 5Page - STMicroelectronics VN808CM Datasheet HTML 6Page - STMicroelectronics VN808CM Datasheet HTML 7Page - STMicroelectronics VN808CM Datasheet HTML 8Page - STMicroelectronics VN808CM Datasheet HTML 9Page - STMicroelectronics VN808CM Datasheet HTML 10Page - STMicroelectronics VN808CM Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
VN808CM
7/14
Table 9.
Truth Table
Conditions
INPUTn
OUTPUTn
STATUS
Normal operation
L
H
L
H
L
L
Current limitation
L
H
L
X
L
L
Overtemperature (see waveforms 3, 4 Figure 6. Figure 7.) ->
TJ > TTSD
L
H
L
L
L
H
Undervoltage
L
H
L
L
X
X
Figure 5.
Application Schematic
VCC
INPUTn
GND
STATUS
VGND
RGND
500mA LOAD
48
Ω
2H
NOMINAL
10
Ω
36V
+24V
100nF
22
μF
1k
Ω
50V
50V
52V
6.8V
13
Ω
110k
Ω
OUTPUTn



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com