Electronic Components Datasheet Search
  English  ▼

X  

VN808CM Datasheet(PDF) 2 Page - STMicroelectronics

Part # VN808CM
Description  LOW THRESHOLD OCTAL HIGH SIDE DRIVER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN808CM Datasheet(HTML) 2 Page - STMicroelectronics

  VN808CM Datasheet HTML 1Page - STMicroelectronics VN808CM Datasheet HTML 2Page - STMicroelectronics VN808CM Datasheet HTML 3Page - STMicroelectronics VN808CM Datasheet HTML 4Page - STMicroelectronics VN808CM Datasheet HTML 5Page - STMicroelectronics VN808CM Datasheet HTML 6Page - STMicroelectronics VN808CM Datasheet HTML 7Page - STMicroelectronics VN808CM Datasheet HTML 8Page - STMicroelectronics VN808CM Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
VN808CM
2/14
Table 1.
Absolute Maximum Rating
Table 2.
Pin Definitions and Functions
Symbol
Parameter
Value
Unit
VCC
DC Supply voltage
45
V
-IGND
DC ground pin reverse current
TRAN Ground pin reverse current ( pulse duration < 1ms)
-250
-6
mA
A
IOUT
DC Output current
Internally limited
A
-IOUT
Reverse DC output current
-2
A
IIN
DC Input current
± 10
mA
VESD
Electrostatic discharge (R = 1.5KW; C = 100pF)
2000
V
PTOT
Power dissipation at Tc = 25°C
96
W
LMAX
Max inductive load ( VCC = 24V, RLOAD = 48Ω, TA = 100°C)
2H
TJ
Junction operating temperature
Internally limited
°C
TC
Case operating temperature
Internally limited
°C
TSTG
Storage Temperature
-55 to 150
°C
Pin No.
Symbol
Function
TAB
VCC
Positive power supply voltage
1
VCC
Positive power supply voltage
2,3,4,5
NC
Not connected
6
Input 1
Input of channel 1
7
Input 2
Input of channel 2
8
Input 3
Input of channel 3
9
Input 4
Input of channel 4
10
Input 5
Input of channel 5
11
Input 6
Input of channel 6
12
Input 7
Input of channel 7
13
Input 8
Input of channel 8
14,15,16,17,18
NC
Not connected
19
GND
Logic ground
20
STATUS
Common open source diagnostic for over-temperature
21,22
Output 8
High-Side output of channel 8
23,24
Output 7
High-Side output of channel 7
25,26
Output 6
High-Side output of channel 6
27.28
Output 5
High-Side output of channel 5
29,30
Output 4
High-Side output of channel 4
31,32
Output 3
High-Side output of channel 3
33,34
Output 2
High-Side output of channel 2
35,36
Output 1
High-Side output of channel 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com