Electronic Components Datasheet Search
  English  ▼

X  

VN808CM Datasheet(PDF) 5 Page - STMicroelectronics

Part # VN808CM
Description  LOW THRESHOLD OCTAL HIGH SIDE DRIVER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN808CM Datasheet(HTML) 5 Page - STMicroelectronics

  VN808CM Datasheet HTML 1Page - STMicroelectronics VN808CM Datasheet HTML 2Page - STMicroelectronics VN808CM Datasheet HTML 3Page - STMicroelectronics VN808CM Datasheet HTML 4Page - STMicroelectronics VN808CM Datasheet HTML 5Page - STMicroelectronics VN808CM Datasheet HTML 6Page - STMicroelectronics VN808CM Datasheet HTML 7Page - STMicroelectronics VN808CM Datasheet HTML 8Page - STMicroelectronics VN808CM Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
VN808CM
5/14
Table 6.
Input Pin
Table 7.
Protections
Table 8.
Status Pin
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VINL
Input low level
1.25
V
IINL
Low level input current
VIN = 1.25V
1
μΑ
VINH
Input high level
2.25
V
IINH
High level input current
VIN = 2.25V
10
μΑ
VI(HYST) Input hysteresis voltage
0.25
V
VICL
Input Clamp Voltage
IIN = 1mA
IIN = -1mA
6.0
6.8
-0.7
8.0
V
V
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
TCSD
Case shut-down
temperature
125
130
135
°C
TCR
Case reset temperature
110
°C
TCHYST Case thermal hysteresis
7
15
°C
TTSD
Junction shutdown
temperature
150
175
200
°C
TR
Junction reset temperature
135
°C
THYST
Junction thermal hysteresis
7
15
°C
Ilim
DC Short circuit current
VCC = 24V; RLOAD = 10mΩ
0.7
1.7
A
Vdemag
Turn-off output clamp
voltage
IOUT = 0.5A; L = 6mH
VCC-57 VCC-52 VCC-47
V
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
IHSTAT
High level output current
VCC = 18...32V; RSTAT = 1KΩ
( Fault condition )
234
mA
ILSTAT
Leakage current
Normal operation; VCC = 32V
0.1
μA
VCLSTAT Clamp voltage
ISTAT = 1mA
ISTAT = -1mA
6.0
6.8
-0.7
8.0
V
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com