Electronic Components Datasheet Search
  English  ▼

X  

VN808CM Datasheet(PDF) 4 Page - STMicroelectronics

Part # VN808CM
Description  LOW THRESHOLD OCTAL HIGH SIDE DRIVER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN808CM Datasheet(HTML) 4 Page - STMicroelectronics

  VN808CM Datasheet HTML 1Page - STMicroelectronics VN808CM Datasheet HTML 2Page - STMicroelectronics VN808CM Datasheet HTML 3Page - STMicroelectronics VN808CM Datasheet HTML 4Page - STMicroelectronics VN808CM Datasheet HTML 5Page - STMicroelectronics VN808CM Datasheet HTML 6Page - STMicroelectronics VN808CM Datasheet HTML 7Page - STMicroelectronics VN808CM Datasheet HTML 8Page - STMicroelectronics VN808CM Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
VN808CM
4/14
Table 3.
Thermal data
Note:
1. When mounted on FR4 printed circuit board with 0.5cm2 of copper area ( at least 35
μ think )
connected to all TAB pins.
Electrical Characteristics (10.5V < VCC < 32V; -40°C < TJ < 125°C; unless otherwise
specified)
Table 4.
Power Section
Table 5.
Switching ( VCC = 24V )
Symbol
Parameter
Value
Unit
RthJC
Thermal resistance junction-case
Max
1.3
°C/W
RthJA
Thermal resistance junction-ambient Note:1Max
50
°C/W
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VCC
Operating supply voltage
10.5
45
V
VUSD
Undervoltage shutdown
7
10.5
V
RON
On state resistance
IOUT = 0.5A; TJ = 25°C
IOUT = 0.5A;
160
280
m
Ω
m
Ω
IS
Supply current
OFF state; VCC = 24V; TCASE = 25°C
ON state( all channels ON); VCC = 24V
TCASE = 100°C
150
12
μA
mA
ILGND
Output current at turn-off
VCC = VSTAT = VIN = VGND = 24V
VOUT = 0V
1mA
IL(off)
OFF state output current VIN = VOUT = 0V;
05
μA
VOUT(off)
OFF state output voltage VIN = 0V; IOUT = 0A;
3V
td(Vccon)
Power-on delay time
from VCC rising edge
Figure 4.
1ms
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
tON
Turn-on time
RL = 48Ω from 80% VOUT Figure 3.
50
100
μs
tOFF
Turn-off time
RL = 48Ω to 10% VOUT Figure 3.
75
150
μs
dVOUT/
dt(on)
Turn-on voltage slope
RL = 48Ω from VOUT = 2.4V to
VOUT = 19.2V Figure 3.
0.7
V
/μs
dVOUT/
dt(off)
Turn-off voltage slope
RL = 48Ω from VOUT = 21.6V to
VOUT = 2.4V Figure 3.
1.5
V
/μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com