Electronic Components Datasheet Search
  English  ▼

X  

1987254-2 Datasheet(PDF) 6 Page - STMicroelectronics

Part # 1987254-2
Description  Connectivity Systems for PV Manufacturers
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

1987254-2 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button 1987254-2 Datasheet HTML 2Page - STMicroelectronics 1987254-2 Datasheet HTML 3Page - STMicroelectronics 1987254-2 Datasheet HTML 4Page - STMicroelectronics 1987254-2 Datasheet HTML 5Page - STMicroelectronics 1987254-2 Datasheet HTML 6Page - STMicroelectronics 1987254-2 Datasheet HTML 7Page - STMicroelectronics 1987254-2 Datasheet HTML 8Page - STMicroelectronics 1987254-2 Datasheet HTML 9Page - STMicroelectronics 1987254-2 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 44 page
background image
SOLARLOK Connectivity Systems for PV Manufacturers
te.com/solar
Catalog 3-1773458-7 | Issue Date 04/2011
Dimensions are in inches and millimeters unless otherwise specified.
Values in brackets are standard equivalents. Dimensions are shown
for reference purposes only. Specifications subject to change.
USA: 1-800-522-6752
Latin/S. America: +54 (0) 11-4733-2200
France: +33 (0) 1-3420-8686
Canada: +1-905-475-6222
Germany: +49 (0) 6251-133-1999
Netherlands: +31 (0) 73-6246-999
Mexico: +52 (0) 55-1106-0800
UK: +44 (0) 800-267666
China: +86 (0) 400-820-6015
4
Junction Box
•Variable wiring options
•Simple, fast and cost-effective assembly
•Flat, low profile design
•High current carrying capacity
•Good thermal balance
•Connectorized or direct wire configurations
•Up to four outputs possible
•Up to six internal rails
•Customer-specific solutions
•TÜV and UL approved
Cable Couplers
•Simple on-site processing
•Mating safety provided by keyed housings
•Semi-automatic assembly capability possible
•Multiple plugging and unplugging cycles
•Accomodates solar cable with different
insulation diameters
•High current carrying capacity
•Wide temperature operating range
•TÜV and UL approved
Solar Cable
•Dual wall insulation
•Electron beam cross-linked
•Excellent resistance to U.V., water,
ozone, fluids, salt, general weathering
•Excellent resistance to abrasion
•Halogen free, flame retardant, low toxicity
•Very low smoke emissions
•Excellent flexibility and stripping performance
•Temperature Rating : –40°C up to +125°C
•Nominal Voltage : Vo/V 1800/3000 VAC,
2600 VDC
•Test Voltage : 6KV, 50Hz, 5min
•Bending Radius : ≥ 5 x outer diameter
•TÜV and UL approved
System Features
The SOLARLOK Product Concept
Market expansion of the formerly regulated
energy supply sector, increased global
environmental awareness and governments
committing themselves to more stringent
environmental targets have opened up new
opportunities for the photovoltaic industry.
Having served a niche market in the past, the
photovoltaics industry now has the opportunity
to move into mass production, realizing
economies of scale and gaining a greater
market share of the world’s energy mix.
TE has contributed to the establishment of this
environmentally-friendly technology with the
introduction of its SOLARLOK connector system.
The SOLARLOK connector system delivers a
flexible system solution for easy and reliable
interconnections from photovoltaic modules to
the DC/AC converter. The entire system concept
is based on cost-effective and reliable processing
of individual interconnection system components.
This significantly reduces installation costs of
the solar energy system.
The junction box concept is based on a flexible,
open system structure, which allows serial as well
as parallel interconnection via direct wire connect
or separable connectors. Within the junction box,
up to six termination places rails are available for
photovoltaic foil connection. If required by the
customer, the junction box can be delivered
pre-configured with diodes, jumpers, plug
connectors, and solar cable pigtails.
The male and female cable couplers were
designed for high voltage and high current-
carrying capacity in addition to the well-
established IP 67 sealing requirement in the
photovoltaic industry. Mating safety is provided
by polarity keyed housings, fully shrouded
contacts, reliable high cycle life, and a squeeze
to release connection system. In addition, a wide
temperature range and fulfillment of worldwide
standards for photovoltaic connection systems
complement the robust product specification.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com