Electronic Components Datasheet Search
  English  ▼

X  

1987254-2 Datasheet(PDF) 19 Page - STMicroelectronics

Part # 1987254-2
Description  Connectivity Systems for PV Manufacturers
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

1987254-2 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button 1987254-2 Datasheet HTML 15Page - STMicroelectronics 1987254-2 Datasheet HTML 16Page - STMicroelectronics 1987254-2 Datasheet HTML 17Page - STMicroelectronics 1987254-2 Datasheet HTML 18Page - STMicroelectronics 1987254-2 Datasheet HTML 19Page - STMicroelectronics 1987254-2 Datasheet HTML 20Page - STMicroelectronics 1987254-2 Datasheet HTML 21Page - STMicroelectronics 1987254-2 Datasheet HTML 22Page - STMicroelectronics 1987254-2 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 44 page
background image
SOLARLOK Connectivity Systems for PV Manufacturers
te.com/solar
Catalog 3-1773458-7 | Issue Date 04/2011
Dimensions are in inches and millimeters unless otherwise specified.
Values in brackets are standard equivalents. Dimensions are shown
for reference purposes only. Specifications subject to change.
USA: 1-800-522-6752
Latin/S. America: +54 (0) 11-4733-2200
France: +33 (0) 1-3420-8686
Canada: +1-905-475-6222
Germany: +49 (0) 6251-133-1999
Netherlands: +31 (0) 73-6246-999
Mexico: +52 (0) 55-1106-0800
UK: +44 (0) 800-267666
China: +86 (0) 400-820-6015
HW : High Tack White Polyester Labels
HW is a white thermal transfer printable polyester film with a high tack - permanent acrylic
adhesive,designed for application to multiple surface types where increased adhesion
is required. The high tack adhesion of HW will bond to most demanding surfaces, including
textured and contoured surfaces.
Technical Data
Applications
•
Enclosures, Racks and Panels
(including back of solar panels)
•
Electronic device and equipment
labeling
•
General purpose label applications
Temperature Range
Operating Temperature
: –40°C to +150°C (–40°F to +302°F)
Minimum Application Temperature
: 10°C (50°F)
Specifications and Certifications
TE Technical Data Sheet
: TTDS-076
: UL 969, File MH17292
Printer Information
TE Printer
: TE3124 (Thermal transfer)
: T312 (Thermal transfer)
TE Ribbons
: 1330-0607
NOTE : For reliable print
performance and durability,
use with Tyco Electronics
1330-0607 series ribbon.
Product Order
Pack.
Qty.
# AC
Label Width
Label Height
Horizontal Repeat
Vertical Repeat
Web Width
(mm) (inches)
(mm) (inches) (mm)
(inches)
(mm)
(inches)
(mm)
(inches)
HW-064064-25-9
25000
12
6.4
0.250
6.4
0.250
6.4
0.25
9.5
0.375
82.2
3.240
HW-080080-10-9
10000
8
8.0
0.315
8.0
0.315
9.9
0.39
13.3
0.525
83.3
3.280
HW-089047-10-9
10000
5
8.9
0.350
4.7
0.185
11.4
0.45
7.9
0.313
60.6
2.386
HW-095095-10-9
10000
7
9.5
0.375
9.5
0.375
11.1
0.437
12.7
0.500
64.3
2.531
HW-114040-25-9
25000
6
11.4
0.450
4.0
0.158
11.4
0.45
7.1
0.282
74.6
2.936
HW-127032-10-9
10000
5
12.7
0.500
3.2
0.126
19.1
0.75
6.4
0.250
94.6
3.736
HW-127064-10-9
10000
6
12.7
0.500
6.4
0.252
15.2
0.6
9.5
0.375
95.3
3.750
HW-127111-10-9
10000
5
12.7
0.500
11.1
0.437
16.8
0.662
14.3
0.563
86.0
3.380
HW-127127-10-9
10000
5
12.7
0.500
12.7
0.500
15.9
0.625
15.9
0.625
82.6
3.250
HW-165051-25-9
25000
4
16.5
0.650
5.1
0.200
17.8
0.7
8.3
0.325
75.8
2.990
HW-171171-10-9
10000
5
17.1
0.674
17.1
0.674
19.7
0.774
20.3
0.800
101.8
4.006
HW-178095-10-9
10000
4
17.8
0.700
9.5
0.375
19.1
0.75
12.7
0.500
80.9
3.190
HW-191064-10-6
10000
4
19.1
0.750
6.4
0.250
21.6
0.85
9.5
0.375
89.9
3.540
HW-191064-10-9
10000
4
19.1
0.750
6.4
0.250
21.6
0.85
9.5
0.375
89.9
3.540
HW-203127-10-9
10000
4
20.3
0.800
12.7
0.500
22.9
0.9
15.9
0.625
94.6
3.730
HW-229064-10-9
10000
3
22.9
0.900
6.4
0.250
28.6
1.125
9.5
0.375
86.0
3.390
HW-254064-10-9
10000
3
25.4
1.000
6.4
0.250
27.9
1.1
9.5
0.375
95.3
3.750
HW-254097-10-9
10000
3
25.4
1.000
9.7
0.380
27.9
1.1
12.7
0.500
87.4
3.440
HW-254127-10-4
10000
3
25.4
1.000
12.7
0.500
27.9
1.1
16.9
0.666
87.4
3.440
HW-254254-10-9
10000
3
25.4
1.000
25.4
1.000
27.9
1.1
28.6
1.125
87.4
3.440
HW-318064-10-9
10000
1
31.8
1.250
6.4
0.250
--
--
9.5
0.375
37.9
1.490
HW-318097-10-9
10000
1
31.8
1.250
9.7
0.380
--
-
12.7
0.500
37.9
1.490
HW-381064-10-9
10000
1
38.1
1.500
6.4
0.250
--
--
9.5
0.375
44.5
1.750
HW-381127-5-9
5000
2
38.1
1.500
12.7
0.500
44.2
1.74
15.9
0.625
88.2
3.470
HW-381191-5-9
5000
2
38.1
1.500
19.1
0.750
43.2
1.7
22.2
0.875
87.6
3.450
HW-445102-5-9
5000
1
44.5
1.750
10.2
0.400
--
--
12.7
0.500
50.4
1.986
HW-478175-5-9
5000
1
47.8
1.880
17.5
0.690
--
--
24.4
0.962
66.0
2.600
HW-508064-10-9
10000
1
50.8
2.000
6.4
0.250
--
--
9.5
0.375
56.9
2.240
HW-508095-5-9
5000
1
50.8
2.000
9.5
0.375
--
--
12.7
0.500
57.2
2.250
HW-508127-5-9
5000
1
50.8
2.000
12.7
0.500
--
--
15.9
0.625
56.9
2.240
HW-508254-5-9
5000
1
50.8
2.000
25.4
1.000
--
--
28.6
1.125
57.2
2.250
HW-508318-2.5-9
2500
1
50.8
2.000
31.8
1.250
--
--
34.9
1.375
56.9
2.240
HW-523841-1.5-9
1500
1
52.3
2.060
84.1
3.310
--
--
88.9
3.500
58.2
2.290
HW-699191-5-9
5000
1
69.9
2.750
19.1
0.750
--
--
23.3
0.917
76.2
3.000
HW-699254-5-9
5000
1
69.9
2.750
25.4
1.000
--
--
28.6
1.125
76.2
3.000
HW-762127-1-9
1000
1
76.2
3.000
127.0
5.000
--
--
129.5
5.100
79.4
3.130
HW-762254-5-9
5000
1
76.2
3.000
25.4
1.000
--
--
28.6
1.125
82.3
3.240
HW-762508-2.5-9
2500
1
76.2
3.000
50.8
2.000
--
--
54.0
2.125
82.6
3.240
Note : Label can
be flood-coated
to meet any color
in the PMS book.
Inquire with TE
customer service.
White
Pack Size
Label Height (mm)
Label Width (mm)
Product Family
Part Number Example
HW - 127508 - 10 - 9
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com